Electronic Components Datasheet Search
  English  ▼

X  

BSS87 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BSS87
Description  200 V, N-channel vertical D-MOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSS87 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BSS87 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
BSS87
200 V, N-channel vertical D-MOS transistor
9 December 2014
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
N-channel enhancement mode vertical Double-Diffused Field-Effect Transistor (D-
MOSFET) in a SOT89 (SC-62) medium power and flat lead Surface-Mounted Device
(SMD) plastic package.
2. Features and benefits
• Direct interface to Complementary (C-MOS) transistor and Transistor-Transistor
Logic (TTL) devices.
• Very fast switching
• No secondary breakdown
3. Applications
• Relay driver
• High-speed line driver
• Load-side loadswitch
• Switching circuits
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
-
-
200
V
VGS
gate-source voltage
Tj = 25 °C
-20
-
20
V
ID
drain current
VGS = 10 V; Tamb = 25 °C
[1]
-
-
0.4
A
Static characteristics
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 0.4 A; Tj = 25 °C
-
1.6
3
Ω
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 1 cm2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com