Electronic Components Datasheet Search
  English  ▼

X  

BSS87 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # BSS87
Description  200 V, N-channel vertical D-MOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSS87 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button BSS87 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 10Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 11Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 12Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NXP Semiconductors
BSS87
200 V, N-channel vertical D-MOS transistor
BSS87
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
9 December 2014
8 / 16
VDS (V)
0
5
4
2
3
1
aaa-014576
0.8
0.4
1.2
1.6
ID
(A)
0
VGS = 10 V
4.5 V
3.5 V
3 V
2.5 V
2 V
Tj = 25 °C
Fig. 6. Output characteristics: drain current as a
function of drain-source voltage; typical values
aaa-014577
VGS (V)
0
3
2
1
10-4
10-5
10-3
ID
(A)
10-6
min
typ
max
Tj = 25 °C; VDS = 10 V
Fig. 7. Sub-threshold drain current as a function of
gate-source voltage
ID (A)
0
1.6
1.2
0.4
0.8
aaa-014578
2
4
6
RDSon
(Ω)
0
VGS = 10 V
2 V
3 V
4 V
2.5 V
3.5 V
4.5 V
Tj = 25 °C
Fig. 8. Drain-source on-state resistance as a function
of drain current; typical values
VGS (V)
0
10
8
4
6
2
aaa-014579
2
4
6
RDSon
(Ω)
0
Tj = 150 °C
Tj = 25 °C
ID = 0.4 A
Fig. 9. Drain-source on-state resistance as a function
of gate-source voltage; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com