Electronic Components Datasheet Search
  English  ▼

X  

BSS87 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BSS87
Description  200 V, N-channel vertical D-MOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSS87 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BSS87 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Important notice
Dear Customer,
On 7 February 2017 the former NXP Standard Product business became a new company with the
tradename Nexperia. Nexperia is an industry leading supplier of Discrete, Logic and PowerMOS
semiconductors with its focus on the automotive, industrial, computing, consumer and wearable
application markets
In data sheets and application notes which still contain NXP or Philips Semiconductors references, use
the references to Nexperia, as shown below.
Instead of http://www.nxp.com, http://www.philips.com/ or http://www.semiconductors.philips.com/,
use http://www.nexperia.com
Instead of sales.addresses@www.nxp.com or sales.addresses@www.semiconductors.philips.com, use
salesaddresses@nexperia.com (email)
Replace the copyright notice at the bottom of each page or elsewhere in the document, depending on
the version, as shown below:
- © NXP N.V. (year). All rights reserved or © Koninklijke Philips Electronics N.V. (year). All rights
reserved
Should be replaced with:
- © Nexperia B.V. (year). All rights reserved.
If you have any questions related to the data sheet, please contact our nearest sales office via e-mail
or telephone (details via salesaddresses@nexperia.com). Thank you for your cooperation and
understanding,
Kind regards,
Team Nexperia


Similar Part No. - BSS87

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS87 PHILIPS-BSS87 Datasheet
54Kb / 8P
N-channel enhancement mode vertical D-MOS transistor
April 1995
logo
Siemens Semiconductor G...
BSS87 SIEMENS-BSS87 Datasheet
130Kb / 8P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
logo
Infineon Technologies A...
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSS87 INFINEON-BSS87 Datasheet
12Mb / 8P
SIPMOS Small-Signal-Transistor
Rev. 1.41 2010-01-27
logo
Guangdong Kexin Industr...
BSS87 KEXIN-BSS87 Datasheet
621Kb / 2P
N-Channel MOSFET
More results

Similar Description - BSS87

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002 PHILIPS-2N7002 Datasheet
76Kb / 12P
N-channel vertical D-MOS transistor
April 1995
BS170 PHILIPS-BS170 Datasheet
49Kb / 8P
N-channel vertical D-MOS transistor
April 1995
BST70A PHILIPS-BST70A Datasheet
63Kb / 12P
N-channel vertical D-MOS transistor
April 1995
BST72A PHILIPS-BST72A Datasheet
75Kb / 12P
N-channel vertical D-MOS transistor
April 1995
BST74A PHILIPS-BST74A Datasheet
63Kb / 12P
N-channel vertical D-MOS transistor
April 1995
BST70 PHILIPS-BST70 Datasheet
74Kb / 12P
N-channel vertical D-MOS transistor
April 1995
logo
SEMTECH ELECTRONICS LTD...
MMFTN20 SEMTECH_ELEC-MMFTN20 Datasheet
171Kb / 2P
N-Channel Enhancement Vertical D-MOS Transistor
logo
Diotec Semiconductor
MMFTN20 DIOTEC-MMFTN20 Datasheet
109Kb / 2P
N-Channel Enhancement Vertical D-MOS Transistor
MMFTN20 DIOTEC-MMFTN20_15 Datasheet
97Kb / 2P
N-Channel Enhancement Vertical D-MOS Transistor
logo
Nexperia B.V. All right...
BSS192 NEXPERIA-BSS192 Datasheet
372Kb / 16P
240 V, P-channel vertical D-MOS transistor
12 December 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com