Electronic Components Datasheet Search
  English  ▼

X  

BSS87 Datasheet(PDF) 14 Page - Nexperia B.V. All rights reserved

Part # BSS87
Description  200 V, N-channel vertical D-MOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSS87 Datasheet(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button BSS87 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 10Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 11Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 12Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 13Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 14Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 15Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 16Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 17Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
NXP Semiconductors
BSS87
200 V, N-channel vertical D-MOS transistor
BSS87
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
9 December 2014
13 / 16
14. Revision history
Table 8.
Revision history
Data sheet ID
Release date
Data sheet status
Change notice
Supersedes
BSS87 v.5
20141209
Product data sheet
-
BSS87 v.4
Modifications:
• Figure 3 corrected.
BSS87 v.4
20140815
Product data sheet
-
BSS87 v.3
BSS87 v.3
20010518
Product specification
-
BSS87 v.2
BSS87 v.2
19970623
Product specification
-
BSS87 v.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com