Electronic Components Datasheet Search
  English  ▼

X  

MP86998 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP86998
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86998 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP86998 Datasheet HTML 1Page - Monolithic Power Systems MP86998 Datasheet HTML 2Page - Monolithic Power Systems MP86998 Datasheet HTML 3Page - Monolithic Power Systems MP86998 Datasheet HTML 4Page - Monolithic Power Systems MP86998 Datasheet HTML 5Page - Monolithic Power Systems MP86998 Datasheet HTML 6Page - Monolithic Power Systems MP86998 Datasheet HTML 7Page - Monolithic Power Systems MP86998 Datasheet HTML 8Page - Monolithic Power Systems MP86998 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP86998
– INTEGRATED INTELLI-PHASETM SOLUTION IN TLGA PACKAGE
MP86998 Rev. 1.0
www.MonolithicPower.com
4
11/3/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ..................................... 18V
VIN - VSW (DC) ..................................-0.3V to +25V
VIN - VSW (10ns)....................................-5V to +32V
VSW (DC) .................................. -0.3V to VIN + 0.3V
VSW (25ns)............................................-5V to +25V
VBST ...................................................... VSW + 4V
VBST - VPHASE ...................................-0.3V to +4V
VDD, VDRV .........................................-0.3V to +4V
All other pins ...................... -0.3V to VDD + 0.3V
Instantaneous current ............................... 125A
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature ................ -65°C to +150°C
ESD Ratings
Human body model (HBM) ..................... 2000V
Charged device model (CDM)..................2000V
Recommended Operating Conditions (2)
Supply voltage (VIN) .........................3.0V to 16V
Driver voltage (VDRV) .................... 3.0V to 3.6V
Logic voltage (VDD)........................ 3.0V to 3.6V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance (3)
θJB θJC_TOP
TLGA-41 (5mmx6mm) ......... 2.7..... 12.4... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its operating
conditions.
3)
θ
JB: Thermal resistance from the junction to the board around
the PGND soldering point.
θ
JC_TOP: Thermal resistance from the junction to the top of the
package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com