Electronic Components Datasheet Search
  English  ▼

X  

MP86998 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP86998
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86998 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP86998 Datasheet HTML 6Page - Monolithic Power Systems MP86998 Datasheet HTML 7Page - Monolithic Power Systems MP86998 Datasheet HTML 8Page - Monolithic Power Systems MP86998 Datasheet HTML 9Page - Monolithic Power Systems MP86998 Datasheet HTML 10Page - Monolithic Power Systems MP86998 Datasheet HTML 11Page - Monolithic Power Systems MP86998 Datasheet HTML 12Page - Monolithic Power Systems MP86998 Datasheet HTML 13Page - Monolithic Power Systems MP86998 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP86998
– INTEGRATED INTELLI-PHASETM SOLUTION IN TLGA PACKAGE
MP86998 Rev. 1.0
www.MonolithicPower.com
10
11/3/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
OPERATION
The MP86998 is an 80A, monolithic half-bridge
driver with internal MOSFETs. It is well-suited for
multi-phase buck regulators. An external 3.3V
supply is required to supply both VDD and
VDRV. When EN transitions from low to high and
the VDRV signals are sufficiently high, the
device begins operating.
Pulse-Width Modulation (PWM)
The pulse-width modulation (PWM) input pin is
capable of tri-state input. If the PWM input signal
is within the tri-state threshold window for 40ns
(tHT or tLT), the high-side MOSFET (HS-FET)
turns
off
immediately.
Then
the
low-side
MOSFET (LS-FET) enters diode emulation
mode
and
remains
on
until
zero-current
detection (ZCD).
The tri-state PWM input is enabled by forcing a
middle-voltage PWM signal, or by floating the
PWM input. The internal current source charges
the signal to a middle voltage. See the PWM
Timing Diagram on page 5 for the propagation
delay definition from PWM to the SW node.
Diode Emulation Mode
If PWM is either low or in tri-state while operating
in diode emulation mode, the LS-FET turns on
when the inductor current is positive. The LS-
FET turns off if the inductor current is negative or
if it crosses the ZCD threshold. Diode emulation
mode can be enabled by driving PWM to a
middle state or floating PWM.
Current Sense
When EN is high, the IOUT pin is a bidirectional
current source that is proportional to the inductor
current. The current-sense gain is 5
μA/A. If
required, a resistor can be used to configure the
voltage gain proportional to the inductor current.
The IOUT output has two states (see Table 1).
In disable mode (EN = low), the current-sense
circuit is disabled, and IOUT is in a Hi-Z (high
impedance) state.
Table 1: IOUT Output States
PWM
EN
IOUT
PWM
High
Active
-
Low
Hi-Z
The IOUT
pin’s voltage should range between
0.7V and 2.1V to achieve an accurate IOUT
current output of up to +400
μA/-200μA (e.g.
+80A/-40A). Generally, there is a resistor (RIOUT)
connected from IOUT to an external voltage that
is capable of sinking small currents. This
provides a sufficient voltage to meet the required
operating voltage range. Calculate the reference
voltage (VCM) and RIOUT values with Equation (1):
IOUT
IOUT
CM
0.7V
I
R
V
2.1V
(1)
Where VCM is a reference voltage connected to
RIOUT.
IOUT can be estimated with Equation (2):
IOUT
SW
IOUT
I
I
G

(2)
The Intelli-
Phase’sTM current-sense output can
be used by the controller to monitor the output
current accurately. The cycle-by-cycle current
information from IOUT can be used for phase
current balancing, over-current protection (OCP),
and active voltage positioning (output voltage
droop).
Positive and Negative Inductor Current Limit
If an HS-FET over-current (OC) condition is
detected, the HS-FET turns off for that PWM
cycle. If the OC condition remains for eight
consecutive cycles, the HS-FET latches off,
TOUT/FLT pulls high to VDD, and the LS-FET
turns on until ZCD. To release the latch and
restart the device, toggle EN, or cycle the power
on VIN or VDD.
When the LS-FET detects a -35A valley current,
the MP86998 turns off the LS-FET and turns on
the HS-FET for 200ns to limit the negative
current. The LS-FET negative current limit does
not trigger a fault report.
Temperature-Sense
Output
with
Fault
Indication (TOUT/FLT)
The
TOUT/FLT
pin
senses
the
junction
temperature and indicates whether a fault has
occurred.
When VDD exceeds its under-voltage lockout
(UVLO) threshold and the part is active,
TOUT/FLT is a voltage output proportional to the
junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com