Electronic Components Datasheet Search
  English  ▼

X  

MP86998 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP86998
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86998 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP86998 Datasheet HTML 1Page - Monolithic Power Systems MP86998 Datasheet HTML 2Page - Monolithic Power Systems MP86998 Datasheet HTML 3Page - Monolithic Power Systems MP86998 Datasheet HTML 4Page - Monolithic Power Systems MP86998 Datasheet HTML 5Page - Monolithic Power Systems MP86998 Datasheet HTML 6Page - Monolithic Power Systems MP86998 Datasheet HTML 7Page - Monolithic Power Systems MP86998 Datasheet HTML 8Page - Monolithic Power Systems MP86998 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MP86998
– INTEGRATED INTELLI-PHASETM SOLUTION IN TLGA PACKAGE
MP86998 Rev. 1.0
www.MonolithicPower.com
5
11/3/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VDRV = VDD = EN = 3.3V, TA = 25°C for typical value, TJ = -40°C to 125°C for max and
min values, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
IIN shutdown
EN = low
90
180
μA
VIN under-voltage lockout
(UVLO) rising threshold
2.5
3.0
V
VIN UVLO threshold
hysteresis
450
mV
IVDRV quiescent current
PWM = low
250
350
μA
IVDD quiescent current
PWM = low
3
mA
IVDRV operation current (4)
fSW = 500kHz
19.8
mA
fSW = 800kHz
31.7
mA
VDD voltage UVLO rising
threshold
2.75
2.95
V
VDD voltage UVLO threshold
hysteresis
300
mV
High-side current limit (4)
ILIM_FLT
Cycle-by-cycle up to 8 cycles
110
A
Low-side current limit (4)
Negative current limit,
cycle-by-cycle, no fault report
-35
A
Negative current limit low-side
off time (4)
200
ns
High-side current limit
shutdown counter (4)
8
times
Dead time at SW rising (4)
2
ns
Dead time at SW falling (4)
Positive inductor current
6
ns
Negative inductor current
28
ns
EN input high threshold
voltage
2.30
V
EN input low threshold
voltage
0.8
V
PWM high to SW rising delay
(4)
tRISING
20
ns
PWM low to SW falling delay
(4)
tFALLING
20
ns
PWM tri-state to SW Hi-Z
delay (4)
tLT
40
ns
tTL
30
ns
tHT
40
ns
tTH
30
ns
Minimum PWM pulse width (4)
20
ns
IOUT sense gain accuracy (4)
20A ≤ ISW ≤ 80A, TJ = 25°C
-2
0
+2
%
IOUT sense gain
GIOUT
5
μA/A
IOUT sense offset
ISW = 0A, VIOUT = 1.2V,
TJ = 25°C
-2
0
+2
μA
PWM = Hi-Z, VIOUT = 1.2V
-1
0
+1
μA
IOUT pin voltage range (4)
VIOUT
0.7
2.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com