Electronic Components Datasheet Search
  English  ▼

X  

MP86998 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP86998
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86998 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP86998 Datasheet HTML 7Page - Monolithic Power Systems MP86998 Datasheet HTML 8Page - Monolithic Power Systems MP86998 Datasheet HTML 9Page - Monolithic Power Systems MP86998 Datasheet HTML 10Page - Monolithic Power Systems MP86998 Datasheet HTML 11Page - Monolithic Power Systems MP86998 Datasheet HTML 12Page - Monolithic Power Systems MP86998 Datasheet HTML 13Page - Monolithic Power Systems MP86998 Datasheet HTML 14Page - Monolithic Power Systems MP86998 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP86998
– INTEGRATED INTELLI-PHASETM SOLUTION IN TLGA PACKAGE
MP86998 Rev. 1.0
www.MonolithicPower.com
12
11/3/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPLICATION INFORMATION
PCB Layout Guidelines
Efficient
PCB
layout
is
critical
for
stable
operation. For the best results, refer to Figure 3
and follow the guidelines below:
1. Place the input MLCC capacitors as close to
VIN and PGND as possible.
2. Place the major MLCC capacitors on the
same layer as the MP86998.
3. Place
as
many
VIN
and
PGND
vias
underneath the package as possible.
4. Place the vias between the VIN or PGND long
pads.
5. Place a VIN copper plane on the second inner
layer
to
form
the
PCB
stack
as
positive/negative/positive, which reduces the
parasitic impedance from the input MLCC
capacitor to the MP86998. Ensure that the
copper plane on the inner layer covers the
VIN vias underneath the package, as well as
the input MLCC capacitors.
6. Place more PGND vias close to the PGND
pin/pad to minimize both thermal resistance
and parasitic resistance/impedance.
7. Place
the
BST
capacitor
and
VDRV
capacitor as close to the MP86998
’s pins as
possible.
8. Use a trace width of 20mils or longer to route
the path.
9. Avoid placing vias on the BST driving path.
10. Use a 0.1µF to 0.22µF bootstrap capacitor.
11. Place the VDD decoupling capacitor close to
the device.
12. Connect AGND and PGND at the point of the
VDD capacitor's ground connection.
13. Keep the IOUT signal trace away from high-
current paths, such as SW and PWM.
PGND
40
41
Figure 3: Example of PCB Layout (Placement and Top Layer PCB)
Input Capacitor: 0805 Package (Top and Bottom Sides) and 0402 Package (Top Side)
Inductor: 11mmx8mm Package
VDD/BST/VDRV Capacitor: 0402 Package
Via Size: 20mils/10mils



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com