Electronic Components Datasheet Search
  English  ▼

X  

MP86998 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP86998
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86998 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP86998 Datasheet HTML 7Page - Monolithic Power Systems MP86998 Datasheet HTML 8Page - Monolithic Power Systems MP86998 Datasheet HTML 9Page - Monolithic Power Systems MP86998 Datasheet HTML 10Page - Monolithic Power Systems MP86998 Datasheet HTML 11Page - Monolithic Power Systems MP86998 Datasheet HTML 12Page - Monolithic Power Systems MP86998 Datasheet HTML 13Page - Monolithic Power Systems MP86998 Datasheet HTML 14Page - Monolithic Power Systems MP86998 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP86998
– INTEGRATED INTELLI-PHASETM SOLUTION IN TLGA PACKAGE
MP86998 Rev. 1.0
www.MonolithicPower.com
11
11/3/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
The gain is 8mV/°C and has an 800mV offset at
25°C. For example the voltage is 0.8V when
TJ = 25°C, and 1.6V when TJ = 125°C.
If a fault occurs, TOUT/FLT is pulled to the VDD
voltage to report the fault event, regardless of the
temperature. 200ns after the fault occurrs, the
PWM
impedance
changes
accordingly
to
indicate the fault type. Table 2 shows the PWM
status regarding each fault event.
Table 2: PWM Resistance when a Fault Occurs
Fault Type
PWM
HS-FET current limit protection
10k
Ω to AGND
Over-temperature protection
20k
Ω to AGND
SW-to-PGND short protection
1k
Ω to VDD
TOUT/FLT can monitor three fault events.
1.
Over-current limit (HS-FET): To trigger an
over-current fault, the current limit must be
exceeded eight consecutive times. If this
fault occurs, the MP86998 latches off to turn
off the HS-FET. The LS-FET turns on and
stays on until the inductor current reaches
0A. PWM uses a
10kΩ resistor connected to
AGND to indicate the fault type.
2.
Over-temperature fault at TJ > 160°C: If this
fault occurs, the MP86998 latches off to turn
off the HS-FET. The LS-FET turns off when
the inductor current reaches 0A. PWM uses
a
20kΩ resistor connected to AGND to
indicate the fault type.
3.
SW-to-PGND short: If this fault occurs, the
MP86998 latches off to turn off the HS-FET.
PWM is pulled high
(1kΩ to VDD) to indicate
the fault type.
The fault latch can be released by toggling EN or
by recycling power on VIN or VDD.
For
multi-phase
operation,
connect
the
TOUT/FLT pins of each Intelli-PhaseTM together
(see Figure 2).
L1
PWM
Intelli-Phase
TM
PWM1
L2
PWM
VIN
VIN
PWM2
TOUT/FLT
VIN
TOUT/FLT
Intelli-Phase
TM
VOUT
COUT
Multi-Phase
Controller
Temperature
ADC
Intelli-Phase
TM
Power Stage
VIN
Figure 2: Multi-Phase Temperature-Sense Utilization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com