Electronic Components Datasheet Search
  English  ▼

X  

MP86998 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP86998
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86998 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP86998 Datasheet HTML 4Page - Monolithic Power Systems MP86998 Datasheet HTML 5Page - Monolithic Power Systems MP86998 Datasheet HTML 6Page - Monolithic Power Systems MP86998 Datasheet HTML 7Page - Monolithic Power Systems MP86998 Datasheet HTML 8Page - Monolithic Power Systems MP86998 Datasheet HTML 9Page - Monolithic Power Systems MP86998 Datasheet HTML 10Page - Monolithic Power Systems MP86998 Datasheet HTML 11Page - Monolithic Power Systems MP86998 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MP86998
– INTEGRATED INTELLI-PHASETM SOLUTION IN TLGA PACKAGE
MP86998 Rev. 1.0
www.MonolithicPower.com
8
11/3/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Switching
VIN = 12V, L = 120nH, load = 30A
Dead Time when SW Ringing
Load = 30A
.
CH1: VSW
4V/div.
100ns/div.
CH1: VSW
1V/div.
2.5ns/div.
IOUT Output
Load = 0A
IOUT Output
Load = 30A
CH3: Vcs
200mV/div.
CH1: VSW
5V/div.
500ns/div.
CH3: VIOUT
200mV/div.
CH1: VSW
5V/div.
500ns/div.
HS Current Limit
CH4: VFAULT
5V/div.
CH3: PWM
5V/div.
CH2: IL
20A/div.
CH1: VSW
4V/div.
1
μs/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com