Electronic Components Datasheet Search
  English  ▼

X  

CC1021 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 38 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 34Page - Texas Instruments CC1021 Datasheet HTML 35Page - Texas Instruments CC1021 Datasheet HTML 36Page - Texas Instruments CC1021 Datasheet HTML 37Page - Texas Instruments CC1021 Datasheet HTML 38Page - Texas Instruments CC1021 Datasheet HTML 39Page - Texas Instruments CC1021 Datasheet HTML 40Page - Texas Instruments CC1021 Datasheet HTML 41Page - Texas Instruments CC1021 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
CC1021
SWRS045
Page 38 of 91
-15
-10
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
-1000
-900
-800
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
800
900
1000
Blocker frequency offset [kHz]
Not image calibrated
Image calibrated
Figure 19. Typical blocker rejection. Carrier frequency set to 868.3072 MHz (102.4 kHz
channel filter bandwidth, 38.4 kBaud)
12.8. Linear IF Chain and AGC Settings
CC1021
is based on a linear IF chain
where the signal amplification is done in
an analog VGA (Variable Gain Amplifier).
The gain is controlled by the digital part of
the IF chain after the ADC (Analog to
Digital Converter). The AGC (Automatic
Gain Control) loop ensures that the ADC
operates inside its dynamic range by using
an analog/digital feedback loop.
The maximum VGA gain is programmed
by the VGA_SETTING[4:0] in the VGA3
register. The VGA gain is programmed in
approximately 3 dB/LSB. The VGA gain
should be set so that the amplified thermal
noise from the front-end balance the
quantization
noise
from
the
ADC.
Therefore the optimum maximum VGA
gain setting will depend on the channel
filter bandwidth.
A digital RSSI is used to measure the
signal strength after the ADC. The
CS_LEVEL[4:0] in the VGA4 register is
used to set the nominal operating point of
the gain control (and also the carrier sense
level). Further explanation can be found in
Figure 20.
The VGA gain will be changed according
to a threshold set by the VGA_DOWN[2:0]
in the VGA3 register and the VGA_UP[2:0]
in the VGA4 register. Together, these two
values specify the signal strength limits
used by the AGC to adjust the VGA gain.
To avoid unnecessary tripping of the VGA,
an extra hysteresis and filtering of the
RSSI samples can be added. The
AGC_HYSTERESIS bit in the VGA2
register enables this.
The time dynamics of the loop can be
altered by the VGA_BLANKING bit in the
ANALOG register, and VGA_FREEZE[1:0]
and VGA_WAIT[2:0] bits in the VGA1
register.
When VGA_BLANKING is activated, the
VGA recovery time from DC offset spikes
after a gain step is reduced.
VGA_FREEZE determines the time to hold
bit synchronization, VGA and RSSI levels
after one of these events occur:
•
RX power-up
•
The PLL has been out of lock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com