Electronic Components Datasheet Search
  English  ▼

X  

CC1021 Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 75 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 71Page - Texas Instruments CC1021 Datasheet HTML 72Page - Texas Instruments CC1021 Datasheet HTML 73Page - Texas Instruments CC1021 Datasheet HTML 74Page - Texas Instruments CC1021 Datasheet HTML 75Page - Texas Instruments CC1021 Datasheet HTML 76Page - Texas Instruments CC1021 Datasheet HTML 77Page - Texas Instruments CC1021 Datasheet HTML 78Page - Texas Instruments CC1021 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
CC1021
SWRS045
Page 75 of 91
VGA3 Register (13h)
REGISTER
NAME
Default
value
Active
Description
VGA3[7:5]
VGA_DOWN[2:0]
1
-
Decides how much the signal strength must be above
CS_LEVEL+VGA_UP before VGA gain is decreased.
0: Gain is decreased 4.5 dB above CS_LEVEL+VGA_UP
1: Gain is decreased 6 dB above CS_LEVEL+VGA_UP
Ö
6: Gain is decreased 13.5 dB above CS_LEVEL+VGA_UP
7: Gain is decreased 15 dB above CS_LEVEL+VGA_UP
See Figure 20 on page 39 for an explanation of the
relationship between RSSI, AGC and carrier sense settings.
VGA3[4:0]
VGA_SETTING[4:0]
24
H
VGA setting to be used when receive chain is turned on
This is also the maximum gain that the AGC is allowed to use.
See Figure 20 on page 39 for an explanation of the
relationship between RSSI, AGC and carrier sense settings.
VGA4 Register (14h)
REGISTER
NAME
Default
value
Active
Description
VGA4[7:5]
VGA_UP[2:0]
1
-
Decides the level where VGA gain is increased if it is not
already at the maximum set by VGA_SETTING.
0: Gain is increased when signal is below CS_LEVEL
1: Gain is increased when signal is below CS_LEVEL+1.5 dB
Ö
6: Gain is increased when signal is below CS_LEVEL+9 dB
7: Gain is increased when signal below CS_LEVEL+10.5 dB
See Figure 20 on page 39 for an explanation of the
relationship between RSSI, AGC and carrier sense settings.
VGA4[4:0]
CS_LEVEL[4:0]
24
H
Reference level for Received Signal Strength Indication
(carrier sense level) and AGC.
See Figure 20 on page 39 for an explanation of the
relationship between RSSI, AGC and carrier sense settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com