Electronic Components Datasheet Search
  English  ▼

X  

CC1021 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 57 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 53Page - Texas Instruments CC1021 Datasheet HTML 54Page - Texas Instruments CC1021 Datasheet HTML 55Page - Texas Instruments CC1021 Datasheet HTML 56Page - Texas Instruments CC1021 Datasheet HTML 57Page - Texas Instruments CC1021 Datasheet HTML 58Page - Texas Instruments CC1021 Datasheet HTML 59Page - Texas Instruments CC1021 Datasheet HTML 60Page - Texas Instruments CC1021 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
CC1021
SWRS045
Page 57 of 91
the "carrier sense" level (programmed as
CS_LEVEL in the VGA4 register). The
signal is then decimated and filtered in the
data
filter.
Data
decision
and
bit
synchronization are as for FSK reception.
In this mode AGC_AVG in the VGA2
register must be set to 3. The channel
bandwidth must be 4 times the Baud rate
for data rates up to 9.6 kBaud. For the
highest data rates the channel bandwidth
must be 2 times the Baud rate (see Table
27). Manchester coding must always be
used for OOK.
Note that the automatic frequency control
(AFC) cannot be used when receiving
OOK, as it requires a frequency shift.
The AGC has a certain time-constant
determined
by
FILTER_CLK,
which
depends on the IF filter bandwidth. There
is a lower limit on FILTER_CLK and hence
the AGC time constant. For low data rates
the minimum time constant is too fast and
the AGC will increase the gain when a "0"
is received and decrease the gain when a
"1" is received. For this reason the
minimum data rate in OOK is 9.6 kBaud.
Typical figures for the receiver sensitivity
(BER = 10 3) are shown in Table 27 for
OOK.
Figure 32. OOK eye diagram. 9.6 kBaud.
Sensitivity [dBm]
Data rate
[kBaud]
Filter BW
[kHz]
433 MHz
Manchester mode
868 MHz
Manchester mode
9.6
38.4
-103
-104
19.2
51.2
-102
-101
38.4
102.4
-95
-97
76.8
153.6
-92
-94
153.6
307.2
-81
-87
Table 27. Typical receiver sensitivity as a function of data rate at 433 and 868 MHz, OOK
modulation, BER = 10 3, pseudo-random data (PN9 sequence).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com