Electronic Components Datasheet Search
  English  ▼

X  

CC1021 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 41 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 37Page - Texas Instruments CC1021 Datasheet HTML 38Page - Texas Instruments CC1021 Datasheet HTML 39Page - Texas Instruments CC1021 Datasheet HTML 40Page - Texas Instruments CC1021 Datasheet HTML 41Page - Texas Instruments CC1021 Datasheet HTML 42Page - Texas Instruments CC1021 Datasheet HTML 43Page - Texas Instruments CC1021 Datasheet HTML 44Page - Texas Instruments CC1021 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
CC1021
SWRS045
Page 41 of 91
12.11. Carrier Sense
The carrier sense signal is based on the
RSSI
value
and
a
programmable
threshold. The carrier sense function can
be used to simplify the implementation of a
CSMA (Carrier Sense Multiple Access)
medium access protocol.
Carrier
sense
threshold
level
is
programmed by CS_LEVEL[4:0] in the
VGA4 register and VGA_SETTING[4:0] in
the VGA3 register.
VGA_SETTING[4:0] sets the maximum
gain in the VGA. This value must be set so
that the ADC works with optimum dynamic
range
for
a
certain
channel
filter
bandwidth. The detected signal strength
(after the ADC) will therefore depend on
this setting.
CS_LEVEL[4:0] sets the threshold for this
specific VGA_SETTING[4:0] value. If the
VGA_SETTING[4:0]
is
changed,
the
CS_LEVEL[4:0]
must
be
changed
accordingly to maintain the same absolute
carrier sense threshold. See Figure 20 for
an explanation of the relationship between
RSSI, AGC and carrier sense settings.
The carrier sense signal can be read as
the CARRIER_SENSE bit in the STATUS
register.
The carrier sense signal can also be made
available at the LOCK pin by setting
LOCK_SELECT[3:0] = 0100 in the LOCK
register.
12.12. Automatic Power-up Sequencing
CC1021 has a built-in automatic power-up
sequencing state machine. By setting the
CC1021 into this mode, the receiver can be
powered-up automatically by a wake-up
signal and will then check for a carrier
signal (carrier sense). If carrier sense is
not detected, it returns to power-down
mode. A flow chart for automatic power-up
sequencing is shown in Figure 21.
The automatic power-up sequencing mode
is selected when PD_MODE[1:0] = 11 in
the MAIN register. When the automatic
power-up sequencing mode is selected,
the functionality of the MAIN register is
changed
and
used
to
control
the
sequencing.
By setting SEQ_PD = 1 in the MAIN
register, CC1021 is set in power down
mode. If SEQ_PSEL = 1 in the
SEQUENCING register the automatic
power-up sequence is initiated by a
negative transition on the PSEL pin.
If SEQ_PSEL = 0 in the SEQUENCING
register, then the automatic power-up
sequence is initiated by a negative
transition on the DIO pin (as long as
SEP_DI_DO = 1 in the INTERFACE
register).
Sequence timing is controlled through
RX_WAIT[2:0] and CS_WAIT[3:0] in the
SEQUENCING register.
VCO and PLL calibration can also be done
automatically as a part of the sequence.
This is controlled through SEQ_CAL[1:0]
in the MAIN register. Calibration can be
done every time, every 16th sequence,
every 256th sequence, or never. See the
register
description
for
details.
A
description of when to do, and how the
VCO and PLL self-calibration is done, is
given in section 15.2 on page 51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com