Electronic Components Datasheet Search
  English  ▼

X  

CC1021 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 61 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 57Page - Texas Instruments CC1021 Datasheet HTML 58Page - Texas Instruments CC1021 Datasheet HTML 59Page - Texas Instruments CC1021 Datasheet HTML 60Page - Texas Instruments CC1021 Datasheet HTML 61Page - Texas Instruments CC1021 Datasheet HTML 62Page - Texas Instruments CC1021 Datasheet HTML 63Page - Texas Instruments CC1021 Datasheet HTML 64Page - Texas Instruments CC1021 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
CC1021
SWRS045
Page 61 of 91
LNA_EN and PA_EN are used to control
the external T/R switch.
22.2. General Purpose Output Control Pins
The two digital output pins, PA_EN and
LNA_EN, can be used as two general
control signals by setting EXT_PA = 0 and
EXT_LNA = 0. The output value is then
set directly by the value written to
EXT_PA_POL and EXT_LNA_POL.
The LOCK pin can also be used as a
general-purpose output pin. The LOCK pin
is controlled by LOCK_SELECT[3:0] in the
LOCK register. The LOCK pin is low when
LOCK_SELECT[3:0] = 0000, and high
when LOCK_SELECT[3:0] = 0001.
These features can be used to save I/O
pins on the microcontroller when the other
functions associated with these pins are
not used.
22.3. PA_EN and LNA_EN Pin Drive
Figure 35 shows the PA_EN and LNA_EN
pin drive currents. The sink and source
currents have opposite signs but absolute
values are used in Figure 35.
0
200
400
600
800
1000
1200
1400
Voltage on PA_EN/LNA_EN pin [V]
source current, 3 V
sink current, 3V
source current, 2.3 V
sink current, 2.3 V
source current, 3.6 V
sink current, 3.6 V
Figure 35. PA_EN and LNA_EN pin drive
23.
System Considerations and Guidelines
SRD regulations
International regulations and national laws
regulate the use of radio receivers and
transmitters. SRDs (Short Range Devices)
for license free operation are allowed to
operate in the 433 and 868 - 870 MHz
bands in most European countries. In the
United States, such devices operate in the
260 ñ 470 and 902 - 928 MHz bands. A
summary of the most important aspects of
these regulations can be found in
Application Note AN001 SRD regulations
for license free transceiver operation,
available from the Chipcon web site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com