Electronic Components Datasheet Search
  English  ▼

X  

CC1021 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 72 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 68Page - Texas Instruments CC1021 Datasheet HTML 69Page - Texas Instruments CC1021 Datasheet HTML 70Page - Texas Instruments CC1021 Datasheet HTML 71Page - Texas Instruments CC1021 Datasheet HTML 72Page - Texas Instruments CC1021 Datasheet HTML 73Page - Texas Instruments CC1021 Datasheet HTML 74Page - Texas Instruments CC1021 Datasheet HTML 75Page - Texas Instruments CC1021 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
CC1021
SWRS045
Page 72 of 91
AFC_CONTROL Register (0Fh)
REGISTER
NAME
Default
value
Active
Description
AFC_CONTROL[7:6]
SETTLING[1:0]
2
-
Controls AFC settling time versus accuracy
0: AFC off; zero average frequency is used in demodulator
1: Fastest settling; frequency averaged over 1 0/1 bit pair
2: Medium settling; frequency averaged over 2 0/1 bit pairs
3: Slowest settling; frequency averaged over 4 0/1 bit pairs
Recommended setting: AFC_CONTROL=3 for higher
accuracy unless it is essential to have the fastest settling
time when transmission starts after RX is activated.
AFC_CONTROL[5:4]
RXDEV_X[1:0]
1
-
RX frequency deviation exponent
AFC_CONTROL[3:0]
RXDEV_M[3:0]
12
-
RX frequency deviation mantissa
Expected RX deviation should be:
Baud rate ∑RXDEV_M ∑2(RXDEV_X 3) / 3
To find RXDEV_M given the deviation and RXDEV_X:
RXDEV_M = 3 ∑deviation ∑2(3 RXDEV_X) / Baud rate
Decrease RXDEV_X and try again if RXDEV_M<8.
Increase RXDEV_X and try again if RXDEV_M≥16.
Note: The RX frequency deviation should be close to half the TX frequency deviation for GFSK at 100
kBaud data rate and below. The RX frequency deviation should be close to the TX frequency deviation
for FSK and for GFSK at 100 kBaud data rate and above.
FILTER Register (10h)
REGISTER
NAME
Default
value
Active
Description
FILTER[7]
FILTER_BYPASS
0
H
Bypass analog image rejection / anti-alias filter. Set to 1 for
increased dynamic range at high Baud rates.
Recommended setting:
FILTER_BYPASS=0 below 76.8 kBaud,
FILTER_BYPASS=1 for 76.8 kBaud and up.
FILTER[6:5]
DEC_SHIFT[1:0]
0
-
Number of extra bits to shift decimator input
(may improve filter accuracy and lower power consumption).
Recommended settings:
DEC_SHIFT=0 when DEC_DIV ≤1 (receiver channel bandwidth
≥ 153.6 kHz),
DEC_SHIFT=1 when DEC_DIV >1 (receiver channel bandwidth
< 153.6 kHz).
FILTER[4:3]
-
-
-
Reserved
FILTER[2:0]
DEC_DIV[2:0]
0
-
Decimation clock divisor
0: Decimation clock divisor = 1, 307.2 kHz channel filter BW.
1: Decimation clock divisor = 2, 153.6 kHz channel filter BW.
Ö
6: Decimation clock divisor = 7, 43.9 kHz channel filter BW.
7: Decimation clock divisor = 8, 38.4 kHz channel filter BW.
Channel filter bandwidth is 307.2 kHz divided by the decimation
clock divisor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com