Electronic Components Datasheet Search
  English  ▼

X  

CC1021 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 46 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 42Page - Texas Instruments CC1021 Datasheet HTML 43Page - Texas Instruments CC1021 Datasheet HTML 44Page - Texas Instruments CC1021 Datasheet HTML 45Page - Texas Instruments CC1021 Datasheet HTML 46Page - Texas Instruments CC1021 Datasheet HTML 47Page - Texas Instruments CC1021 Datasheet HTML 48Page - Texas Instruments CC1021 Datasheet HTML 49Page - Texas Instruments CC1021 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
CC1021
SWRS045
Page 46 of 91
13.4. Reducing Spurious Emission and Modulation Bandwidth
Modulation
bandwidth
and
spurious
emission are normally measured with the
PA continuously on and a repeated test
sequence.
In cases where the modulation bandwidth
and spurious emission are measured with
the CC1021 switching from power down
mode to TX mode, a PA ramping
sequence could be used to minimize
modulation
bandwidth
and
spurious
emission.
PA ramping should then be used both
when switching the PA on and off. A linear
PA ramping sequence can be used where
register PA_POWER is changed from 00h
to 0Fh and then from 50h to the register
setting that gives the desired output power
(e.g. F0h for +10 dBm output power at 433
MHz operation). The longer the time per
PA ramping step the better, but setting the
total PA ramping time equal to 2 bit
periods is a good compromise between
performance and PA ramping time.
14.
Input / Output Matching and Filtering
When designing the impedance matching
network for the CC1021 the circuit must be
matched
correctly
at
the
harmonic
frequencies as well as at the fundamental
tone. A recommended matching network is
shown in Figure 25. Component values for
various frequencies are given in Table 21.
Component values for other frequencies
can be found using the SmartRFStudio
software.
As can be seen from Figure 25 and Table
21, the 433 MHz network utilizes a T-type
filter, while the 868/915 MHz network has
a π-type filter topology.
It is important to remember that the
physical layout and the components used
contribute significantly to the reflection
coefficient,
especially at
the
higher
harmonics. For this reason, the frequency
response of the matching network should
be measured and compared to the
response of the Chipcon reference design.
Refer to Figure 27 and Table 22 as well as
Figure 28 and Table 23.
The use of an external T/R switch reduces
current consumption in TX for high output
power levels and improves the sensitivity
in RX. A recommended application circuit
is available from the Chipcon web site
(CC1020EMX). The external T/R switch
can be omitted in certain applications, but
performance will then be degraded.
The match can also be tuned by a shunt
capacitor
array
at
the
PA
output
(RF_OUT). The capacitance can be set in
0.4 pF steps and used either in RX mode
or TX mode. The RX_MATCH[3:0] and
TX_MATCH[3:0] bits in the MATCH
register control the capacitor array.
Item
433 MHz
868 MHz
915 MHz
C1
10 pF, 5%, NP0, 0402
47 pF, 5%, NP0, 0402
47 pF, 5%, NP0, 0402
C3
5.6 pF, 5%, NP0, 0402
10 pF, 5%, NP0, 0402
10 pF, 5%, NP0, 0402
C60
220 pF, 5%, NP0, 0402
220 pF, 5%, NP0, 0402
220 pF, 5%, NP0, 0402
C71
DNM
8.2 pF 5%, NP0, 0402
8.2 pF 5%, NP0, 0402
C72
4.7 pF, 5%, NP0, 0402
8.2 pF 5%, NP0, 0402
8.2 pF 5%, NP0, 0402
L1
33 nH, 5%, 0402
82 nH, 5%, 0402
82 nH, 5%, 0402
L2
22 nH, 5%, 0402
3.6 nH, 5%, 0402
3.6 nH, 5%, 0402
L70
47 nH, 5%, 0402
5.1 nH, 5%, 0402
5.1 nH, 5%, 0402
L71
39 nH, 5%, 0402
0 Ω resistor, 0402
0 Ω resistor, 0402
R10
82 Ω, 5%, 0402
82 Ω, 5%, 0402
82 Ω, 5%, 0402
Table 21. Component values for the matching network described in Figure 25. (DNM = Do
Not Mount)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com