Electronic Components Datasheet Search
  English  ▼

X  

CC1021 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 83 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 79Page - Texas Instruments CC1021 Datasheet HTML 80Page - Texas Instruments CC1021 Datasheet HTML 81Page - Texas Instruments CC1021 Datasheet HTML 82Page - Texas Instruments CC1021 Datasheet HTML 83Page - Texas Instruments CC1021 Datasheet HTML 84Page - Texas Instruments CC1021 Datasheet HTML 85Page - Texas Instruments CC1021 Datasheet HTML 86Page - Texas Instruments CC1021 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
CC1021
SWRS045
Page 83 of 91
AFC Register (43h, read only)
REGISTER
NAME
Default
value
Active
Description
AFC[7:0]
AFC[7:0]
-
-
Average received frequency deviation from IF. This 8-bit 2-
complement signed value equals the demodulator decision level
and can be used for AFC. The average frequency offset from the
IF frequency is ∆F = Baud rate ∑AFC / 16
GAUSS_FILTER Register (44h)
REGISTER
NAME
Default
value
Active
Description
GAUSS_FILTER[7:0]
GAUSS_FILTER[7:0]
-
-
Readout of instantaneous IF frequency offset
from nominal IF. Signed 8-bit value.
∆F = Baud rate ∑GAUSS_FILTER/8
STATUS1 Register (45h, for test only)
REGISTER
NAME
Default
value
Active
Description
STATUS1[7:4]
CAL_DAC[3:0]
-
-
Status vector defining applied Calibration DAC value
STATUS1[3:0]
CHP_CURRENT[3:0]
-
-
Status vector defining applied CHP_CURRENT value
STATUS2 Register (46h, for test only)
REGISTER
NAME
Default
value
Active
Description
STATUS2[7:5]
CC1021_VERSION[2:0]
-
-
CC1021 version code:
0: Pre-production version
1: First production version
2-7: Reserved for future use
STATUS2[4:0]
VCO_ARRAY[4:0]
-
-
Status vector defining applied VCO_ARRAY
value
STATUS3 Register (47h, for test only)
REGISTER
NAME
Default
value
Active
Description
STATUS3[7]
F_COMP
-
-
Frequency comparator output from phase
detector
STATUS3[6]
VCO_CAL_COMP
-
-
Readout of VCO current calibration comparator.
Equals 1 if current defined by
VCO_CURRENT_A/B is larger than the VCO
core current
STATUS3[5:0]
VCO_CAL_CURRENT[5:0]
-
-
Status vector defining applied
VCO_CAL_CURRENT value
STATUS4 Register (48h, for test only)
REGISTER
NAME
Default
value
Active
Description
STATUS4[7:6]
ADC_MIX[1:0]
-
-
Readout of mixer input to ADC
STATUS4[5:3]
ADC_I[2:0]
-
-
Readout of ADC ìIî output
STATUS4[2:0]
ADC_Q[2:0]
-
-
Readout of ADC ìQî output
STATUS5 Register (49h, for test only)
REGISTER
NAME
Default
value
Active
Description
STATUS5[7:0]
FILTER_I[7:0]
-
-
Upper bits of ìIî output from channel filter
STATUS6 Register (4Ah, for test only)
REGISTER
NAME
Default
value
Active
Description
STATUS6[7:0]
FILTER_Q[7:0]
-
-
Upper bits of ìQî output from channel filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com