Electronic Components Datasheet Search
  English  ▼

X  

PML260SN Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PML260SN
Description  N-channel TrenchMOS standard level FET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PML260SN Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PML260SN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PML260SN_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 29 May 2006
3 of 12
Philips Semiconductors
PML260SN
N-channel TrenchMOS standard level FET
Fig 1.
Normalized total power dissipation as a
function of mounting base temperature
Fig 2.
Normalized continuous drain current as a
function of mounting base temperature
Tmb =25 °C; IDM is single pulse; VGS =10V
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
03ne36
0
40
80
120
0
50
100
150
200
Tmb (°C)
Pder
(%)
03ne37
0
40
80
120
0
50
100
150
200
Tmb (°C)
Ider
(%)
P
der
P
tot
P
tot 25
°C
()
------------------------
100 %
×
=
I
der
I
D
I
D25
°C
()
--------------------
100 %
×
=
003aab281
10
-1
1
10
10
2
10
-1
1
10
10
2
10
3
VDS (V)
ID
(A)
DC
1 ms
100
µs
Limit RDSon = VDS / ID
10 ms
10
µs
tp =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com