Electronic Components Datasheet Search
  English  ▼

X  

PML260SN Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # PML260SN
Description  N-channel TrenchMOS standard level FET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PML260SN Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button PML260SN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 10Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 11Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 12Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 13Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PML260SN_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 29 May 2006
8 of 12
Philips Semiconductors
PML260SN
N-channel TrenchMOS standard level FET
Tj =25 °C and 150 °C; VGS =0V
VGS = 0 V; f = 1 MHz
Fig 13. Source current as a function of source-drain
voltage; typical values
Fig 14. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
003aab080
0
2
4
6
8
10
12
0.2
0.4
0.6
0.8
1
VSD (V)
IS
(A)
Tj = 25 °C
150
°C
003aab067
10
10
2
10
3
10
-1
1
10
10
2
VDS (V)
C
(pF)
Ciss
Crss
Coss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com