Electronic Components Datasheet Search
  English  ▼

X  

PML260SN Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PML260SN
Description  N-channel TrenchMOS standard level FET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PML260SN Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PML260SN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 10Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PML260SN_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 29 May 2006
6 of 12
Philips Semiconductors
PML260SN
N-channel TrenchMOS standard level FET
Tj =25 °CTj =25 °C
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 6.
Drain-source on-state resistance as a function
of drain current; typical values
Tj =25 °C and 150 °C; VDS >ID × RDSon
Fig 7.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature
003aab063
0
4
8
12
01
23
45
VDS (V)
ID
(A)
VGS (V) = 10
5
4
3.8
3.6
3.4
3.2
003aab064
0
200
400
600
800
048
12
ID (A)
RDSon
(m
Ω)
5
3.8
3.6
4
10
VGS (V) =
003aab065
0
4
8
12
012
345
VGS (V)
ID
(A)
Tj = 150 °C
25
°C
03al52
0
1
2
3
-60
0
60
120
180
a
Tj (°C)
a
R
DSon
R
DSon 25
°C
()
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com