Electronic Components Datasheet Search
  English  ▼

X  

PML260SN Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PML260SN
Description  N-channel TrenchMOS standard level FET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PML260SN Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PML260SN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1.
Product profile
1.1 General description
Standard level N-channel enhancement mode Field-Effect Transistor (FET) in a
surface-mounted plastic package using TrenchMOS technology.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
PML260SN
N-channel TrenchMOS standard level FET
Rev. 02 — 29 May 2006
Product data sheet
I Standard level threshold
I Low profile and small footprint
I Very low thermal impedance
I Low on-state resistance
I Primary side switching
I DC-to-DC converters
I Portable appliances
I VDS ≤ 200 V
I ID ≤ 8.8 A
I RDSon ≤ 294 mΩ
I QGD = 4.2 nC (typ)
Table 1.
Pinning
Pin
Description
Simplified outline
Symbol
1, 2, 3
source (S)
SOT873-1 (HVSON8)
4
gate (G)
5, 6, 7, 8
drain (D)
1 234
8 765
Transparent
top view
S
D
G
mbb076



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com