Electronic Components Datasheet Search
  English  ▼

X  

PML260SN Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PML260SN
Description  N-channel TrenchMOS standard level FET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PML260SN Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PML260SN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PML260SN_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 29 May 2006
5 of 12
Philips Semiconductors
PML260SN
N-channel TrenchMOS standard level FET
6.
Characteristics
Table 5.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS drain-source breakdown
voltage
ID = 250 µA; VGS =0V
Tj =25 °C
200
-
-
V
Tj = −55 °C
178
-
-
V
VGS(th)
gate-source threshold voltage
ID = 1 mA; VDS =VGS; see Figure 9 and 10
Tj =25 °C
234V
Tj = 150 °C
1.2
-
-
V
Tj = −55 °C
-
-
4.4
V
IDSS
drain leakage current
VDS = 160 V; VGS =0V
Tj =25 °C
--1
µA
Tj = 150 °C
-
-
100
µA
IGSS
gate leakage current
VGS = ±20 V; VDS = 0 V
-
10
100
nA
RG
gate resistance
f = 1 MHz
-
0.6
-
Ω
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 2.6 A; see Figure 6 and 8
Tj =25 °C
-
250
294
m
Ω
Tj = 150 °C
-
550
647
m
Ω
VGS =6V; ID = 2.5 A
-
263
309
m
Ω
Dynamic characteristics
QG(tot)
total gate charge
ID = 2.6 A; VDS = 100 V; VGS =10V;
see Figure 11 and 12
-
13.3
-
nC
QGS
gate-source charge
-
2.4
-
nC
QGS1
pre-VGS(th) gate-source charge
-
1.15
-
nC
QGS2
post-VGS(th) gate-source charge
-
1.25
-
nC
QGD
gate-drain charge
-
4.2
-
nC
VGS(pl)
gate-source plateau voltage
-
4.2
-
V
Ciss
input capacitance
VGS =0V; VDS = 30 V; f = 1 MHz;
see Figure 14
-
657
-
pF
Coss
output capacitance
-
74
-
pF
Crss
reverse transfer capacitance
-
25
-
pF
td(on)
turn-on delay time
VDS = 100 V; RL = 100 Ω;VGS =10V;
RG = 5.6 Ω
-7
-ns
tr
rise time
-11
-
ns
td(off)
turn-off delay time
-
19
-
ns
tf
fall time
-7
-ns
Source-drain diode
VSD
source-drain voltage
IS = 3.2 A; VGS = 0 V; see Figure 13
-
0.8
1.2
V
trr
reverse recovery time
IS = 3.2 A; dIS/dt = −100 A/µs; VGS =0V;
VR = 120 V
-
101
-
ns
Qr
recovered charge
-
267
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com