Electronic Components Datasheet Search
  English  ▼

X  

PML260SN Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PML260SN
Description  N-channel TrenchMOS standard level FET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PML260SN Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PML260SN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 10Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 11Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 12Page - Nexperia B.V. All rights reserved PML260SN Datasheet HTML 13Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PML260SN_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 29 May 2006
9 of 12
Philips Semiconductors
PML260SN
N-channel TrenchMOS standard level FET
7.
Package outline
Fig 15. Package outline SOT873-1 (HVSON8)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT873-1
SOT873-1
05-06-16
05-06-21
DIMENSIONS (mm are the original dimensions)
HVSON8: plastic thermal enhanced very thin small outline package; no leads;
8 terminals; body 3.3
× 3.3 × 0.85 mm
- - -
- - -
- - -
UNIT
A
max.
A1
bc
e
e1
L1
y
w
v
mm
1
0.05
0.00
0.35
0.25
0.2
3.4
3.2
0.65
1.68
1.58
0.05
0.1
y1
0.1
0.1
1.95
0.55
0.45
L2
0.52
0.42
DE
3.4
3.2
Dh
Eh
2.3
2.2
0
1
2 mm
scale
detail X
A
A1
c
b
e1
e
A
C
B
v M
C
w M
L1
L2
Eh
Dh
8
4
1
5
terminal 1
index area
E
terminal 1
index area
D
X
B
A
C
y
C
y1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com