Electronic Components Datasheet Search
  English  ▼

X  

STE100A Datasheet(PDF) 54 Page - STMicroelectronics

Part # STE100A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100A Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STE100A Datasheet HTML 50Page - STMicroelectronics STE100A Datasheet HTML 51Page - STMicroelectronics STE100A Datasheet HTML 52Page - STMicroelectronics STE100A Datasheet HTML 53Page - STMicroelectronics STE100A Datasheet HTML 54Page - STMicroelectronics STE100A Datasheet HTML 55Page - STMicroelectronics STE100A Datasheet HTML 56Page - STMicroelectronics STE100A Datasheet HTML 57Page - STMicroelectronics STE100A Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 82 page
background image
Registers and descriptors description
STE10/100A
54/82
19
PM
Power management. Enables the STE10/100A
power management abilities. When this bit is set
into “0” the STE10/100A will set the Cap_Ptr
register to zero, indicating no PCI compliant
power management capabilities. The value of
this bit will be mapped to NC (CR1 bit 20). In PCI
power management mode, the wake up frames
include “Magic Packet”, “Unicast”, and
“Muliticast”.
X
from EEPROM
RO
18
WOL
Wake on LAN mode enable. When this bit is set
to ‘1’, then the STE10/100A enters wake on LAN
mode and enters the sleep state.
Once the STE10/100A enters the sleep state, it
remains there until: the wake up event occurs,
the WOL bit is cleared, or a reset (software or
hardware) happens.
In wake on LAN mode the wake-up frame is
“Magic Packet” only.
X
from EEPROM
R/W
17~7
---
Reserved
6
RWP
Reset wake-up pattern data register pointer
0
R/W
5PAUSE
Disable or enable the PAUSE function for flow
control. The default value of PAUSE is
determined by the result of auto-negotiation. The
driver software can overwrite this bit to enable or
disable it after the auto-negotiation has
completed.
0: PAUSE function is disabled.
1: PAUSE function is enabled
Depends on
the result of
auto-
negotiation
R/W
4RTE
Receive threshold enable.
1: the receive FIFO threshold is enabled.
0: disable the receive FIFO threshold selection in
DRT (bits 3~2), and the receive threshold is set
to the default 64 bytes.
0R/W
3~2
DRT
Drain receive threshold
00: 32 bytes (8 DW)
01: 64 bytes (16 DW)
10: store-and -forward
11: reserved
01
R/W
1
SINT
Software interrupt.
0
R/W
0ATUR
1: enable automatically transmit-underrun
recovery.
0R/W
Table 8.
Control/status register description (continued)
Bit #
Name
Description
Default
RW type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com