Electronic Components Datasheet Search
  English  ▼

X  

STE100A Datasheet(PDF) 67 Page - STMicroelectronics

Part # STE100A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100A Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STE100A Datasheet HTML 63Page - STMicroelectronics STE100A Datasheet HTML 64Page - STMicroelectronics STE100A Datasheet HTML 65Page - STMicroelectronics STE100A Datasheet HTML 66Page - STMicroelectronics STE100A Datasheet HTML 67Page - STMicroelectronics STE100A Datasheet HTML 68Page - STMicroelectronics STE100A Datasheet HTML 69Page - STMicroelectronics STE100A Datasheet HTML 70Page - STMicroelectronics STE100A Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
STE10/100A
Registers and descriptors description
67/82
9
FS
First descriptor
8
LS
Last descriptor
7TL
Packet too long (packet length > 1518 bytes). This bit is valid only in a
frame’s last descriptor.
6CS
Late collision. Set when collision is active after 64 bytes. This bit is valid only
in a frame’s last descriptor
5FT
Frame type. This bit is valid only in a frame’s last descriptor.
0: 802.3 type
1: Ethernet type
4RW
Receive watchdog (refer to CSR15, bit 4). This bit is valid only in a frame’s
last descriptor.
3
reserved
Default = 0
2DB
Dribble bit. This bit is valid only in a frame’s last descriptor
1: Packet length is not integer multiple of 8-bit
1
CE
1: CRC error. This bit is valid only in a frame’s last descriptor
0
OF
1: Overflow. This bit is valid only in a frame’s last descriptor
RDES1
31~26
---
Reserved
25
RER
Receive end of ring. Indicates this descriptor is last, return to base address
of descriptor
24
RCH
Second address chain
Used for chain structure, indicating the buffer 2 address is the next descriptor
address. Ring mode takes precedence over chained mode
23~22
---
Reserved
21~11
RBS2
Buffer 2 size (DW boundary)
10~ 0
RBS1
Buffer 1 size (DW boundary)
RDES2
31~0
RBA1
Receive buffer address 1. This buffer address should be double word
aligned.
RDES3
31~0
RBA2
Receive buffer address 2. This buffer address should be double word
aligned.
Table 12.
Receive descriptor description (continued)
Bit#
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com