Electronic Components Datasheet Search
  English  ▼

X  

STE100A Datasheet(PDF) 66 Page - STMicroelectronics

Part # STE100A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100A Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STE100A Datasheet HTML 62Page - STMicroelectronics STE100A Datasheet HTML 63Page - STMicroelectronics STE100A Datasheet HTML 64Page - STMicroelectronics STE100A Datasheet HTML 65Page - STMicroelectronics STE100A Datasheet HTML 66Page - STMicroelectronics STE100A Datasheet HTML 67Page - STMicroelectronics STE100A Datasheet HTML 68Page - STMicroelectronics STE100A Datasheet HTML 69Page - STMicroelectronics STE100A Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 82 page
background image
Registers and descriptors description
STE10/100A
66/82
4.4
Descriptors and buffer management
The STE10/100A provides receive and transmit descriptors for packet buffering and
management.
4.4.1
Receive descriptor
Note:
Descriptors and receive buffers addresses must be long-word aligned
Table 11.
Receive descriptor table
31
0
RDES0
Own
Status
RDES1
---
Control
Buffer2 byte-count
Buffer1 byte-count
RDSE2
Buffer1 address (DW boundary)
RDSE3
Buffer2 address (DW boundary)
Table 12.
Receive descriptor description
Bit#
Name
Description
RDES0
31
OWN
Own bit
1: indicates that newly received data can be put into this descriptor
0: Host has not yet processed the received data currently in this descriptor.
30-16
FL
Frame length, including CRC. This field is valid only in a frame’s last
descriptor.
15
ES
Error summary. Logical OR of the following bits:
0: overflow
1: CRC error
6: late collision
7: frame too long
11: runt packet
14: descriptor error
This field is valid only in a frame’s last descriptor.
14
DE
Descriptor error. This bit is valid only in a frame’s last descriptor.
1: the current valid descriptor is unable to contain the packet being currently
received. The packet is truncated.
13-12
DT
Data type
00: normal
01: MAC loop-back
10: Transceiver loop-back
11: remote loop-back
These bits are valid only in a frame’s last descriptor.
11
RF
Runt frame (packet length < 64 bytes). This bit is valid only in a frame’s last
descriptor.
10
MF
Multicast frame. This bit is valid only in a frame’s last descriptor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com