Electronic Components Datasheet Search
  English  ▼

X  

STE100A Datasheet(PDF) 44 Page - STMicroelectronics

Part # STE100A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100A Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STE100A Datasheet HTML 40Page - STMicroelectronics STE100A Datasheet HTML 41Page - STMicroelectronics STE100A Datasheet HTML 42Page - STMicroelectronics STE100A Datasheet HTML 43Page - STMicroelectronics STE100A Datasheet HTML 44Page - STMicroelectronics STE100A Datasheet HTML 45Page - STMicroelectronics STE100A Datasheet HTML 46Page - STMicroelectronics STE100A Datasheet HTML 47Page - STMicroelectronics STE100A Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
Registers and descriptors description
STE10/100A
44/82
4
---
Reserved
3TJT
Transmit jabber timer time-out.
1: when the transmit jabber timer expires. The
transmit processor will enter the stop state and
TO (bit 14 of TDES0, transmit jabber time-out
flag) will be asserted.
0RO/LH*
2TDU
Transmit descriptor unavailable.
1: when the next transmit descriptor can not be
obtained by the STE10/100A. The transmission
process is suspended in this situation. To restart
the transmission process, the ownership bit of
the next transmit descriptor should be set to
STE10/100A and, if the transmit automatic
polling is not enabled, a transmit poll demand
command should then be issued.
0RO/LH*
1TPS
Transmit process stopped.
1: while transmit state = stop
0RO/LH*
0TCI
Transmit completed interrupt.
1: set when a frame transmission completes with
IC (bit 31 of TDES1) asserted in the first transmit
descriptor of the frame.
0RO/LH*
LH = High Latching and cleared by writing 1.
CSR6 (offset = 30h), NAR - Network access register
31~22
---
Reserved
21
SF
Store and forward for transmit
0: disable
1: enable, ignore the transmit threshold setting
0R/W*
20
---
Reserved
19
SQE
SQE disable
0: enable SQE function for 10BASE-T operation.
The STE10/100A provides SQE test function for
10BASE-T half duplex operation.
1: disable SQE function.
1R/W*
18~16
-----
Reserved
15~14
TR
Transmit threshold control
00: 128-bytes (100Mbps), 72-bytes (10Mbps)
01: 256-bytes (100Mbps), 96-bytes (10Mbps)
10: 512-bytes (100Mbps), 128-bytes (10Mbps)
11: 1024-bytes (100Mbps), 160-bytes (10Mbps)
00
R/W*
13
ST
Stop transmit
0: stop (default)
1: start
0R/W
Table 8.
Control/status register description (continued)
Bit #
Name
Description
Default
RW type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com