Electronic Components Datasheet Search
  English  ▼

X  

STE100A Datasheet(PDF) 64 Page - STMicroelectronics

Part # STE100A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100A Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STE100A Datasheet HTML 60Page - STMicroelectronics STE100A Datasheet HTML 61Page - STMicroelectronics STE100A Datasheet HTML 62Page - STMicroelectronics STE100A Datasheet HTML 63Page - STMicroelectronics STE100A Datasheet HTML 64Page - STMicroelectronics STE100A Datasheet HTML 65Page - STMicroelectronics STE100A Datasheet HTML 66Page - STMicroelectronics STE100A Datasheet HTML 67Page - STMicroelectronics STE100A Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
Registers and descriptors description
STE10/100A
64/82
0REF
Receive error full interrupt.
0: the receive error number is less than 64.
1: 64 error packets is received.
0RO/LH*
LH = High Latching and cleared by reading.
XR9(offset = d8h) - XIE, XCVR interrupt enable register
15~7
---
Reserved
6
ANCE
Auto-negotiation completed interrupt enable.
0: disable auto-negotiation completed interrupt.
1: enable auto-negotiation complete interrupt.
0R/W
5RFE
Remote fault detected interrupt enable.
0: disable remote fault detection interrupt.
1: enable remote fault detection interrupt.
0R/W
4LDE
Link down interrupt enable.
0: disable link fail interrupt.
1: enable link fail interrupt.
0R/W
3ANAE
Auto-negotiation acknowledge interrupt enable.
0: disable link partner acknowledge interrupt
1: enable link partner acknowledge interrupt.
0R/W
2PDFE
Parallel detection fault interrupt enable.
0: disable fault parallel detection interrupt.
1: enable fault parallel detection interrupt.
0R/W
1ANPE
Auto-negotiation page received interrupt enable.
0: disable auto-negotiation page received
interrupt.
1: enable auto-negotiation page received
interrupt.
0R/W
0REFE
RX_ERR full interrupt enable.
0: disable rx_err full interrupt.
1: enable rx_err interrupt.
0R/W
XR10(offset = dch) - 100CTR, 100BASE-TX control register
15,14
---
Reserved
13
DISRER
Disable the RX_ERR counter.
0: the receive error counter - RX_ERR is
enabled.
1: the receive error counter - RX_ERR is
disabled.
0R/W
12
ANC
Auto-negotiation completed. This bit is the same
as bit 5 of XR1.
0: the auto-negotiation process has not
completed yet.
1: the auto-negotiation process has completed.
0RO
Table 10.
Transceiver registers description (continued)
Bit #
Name
Description
Default
RW type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com