Electronic Components Datasheet Search
  English  ▼

X  

STE100A Datasheet(PDF) 36 Page - STMicroelectronics

Part # STE100A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100A Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STE100A Datasheet HTML 32Page - STMicroelectronics STE100A Datasheet HTML 33Page - STMicroelectronics STE100A Datasheet HTML 34Page - STMicroelectronics STE100A Datasheet HTML 35Page - STMicroelectronics STE100A Datasheet HTML 36Page - STMicroelectronics STE100A Datasheet HTML 37Page - STMicroelectronics STE100A Datasheet HTML 38Page - STMicroelectronics STE100A Datasheet HTML 39Page - STMicroelectronics STE100A Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
Registers and descriptors description
STE10/100A
36/82
31~16
DID
Device ID, the device ID number of the STE10/100A
2774h
RO
15~0
VID
Vendor ID, the vendor ID number of
STMicroelectronics
104Ah
RO
CR48 (offset = c0h), PMR0, Power management register 0
31
30
29
28
27
PSD3c,
PSD3h,
PSD2,
PSD1,
PSD0
PME_Support.
The STE10/100A will assert PME# signal while in
the D0, D1, D2, D3hot and D3cold power state. The
STE10/100A supports Wake-up from the above five
states. Bit 31 (support wake-up from D3cold) is
loaded from EEPROM after power-up or hardware
reset. To support the D3cold wake-up function, an
auxiliary power source will be sensed during reset
by the STE10/100A Vaux_detect pin. If sensed low,
PSD3c will be set to 0; if sensed high, and if D3CS
(bit 31of CSR18) is set (CSR18 bits 16~31 are
recalled from EEPROM at reset), then bit 31 will be
set to 1.
X1111b
RO
26
D2S
D2_Support. The STE10/100A supports the D2
Power management state.
1RO
25
D1S
D1_Support. The STE10/100A supports the D1
Power management state.
1RO
24~22
AUXC
Aux current. These three bits report the maximum
3.3Vaux current requirements for STE10/100A chip.
If bit 31 of PMR0 is ‘1’, the default value is 111b,
meaning the STE10/100A needs 375 mA to support
remote wake-up in D3cold power state. Otherwise,
the default value is 000b, meaning the STE10/100A
does not support remote wake-up from D3cold
power state.
XXXb
RO
21
DSI
The device specific initialization bit indicates
whether any special initialization of this function is
required before the generic class device driver is
able to use it.
0: indicates that the function does not require a
device-specific initialization sequence following
transition to the D0 uninitialized state.
0RO
20
---
Reserved
19
PMEC
PME Clock. Indicates that the STE10/100A does not
rely on the presence of the PCI clock for PME#
operation.
0RO
18~16
VER
Version. The value of 010b indicates that the
STE10/100A complies with revision 1.0a of the PCI
power management interface specification.
010b
RO
15~8
NIP
Next item pointer. This value is always 0h, indicating
that there are no additional items in the capabilities
list.
00h
RO
Table 6.
Configuration registers description (continued)
Bit #
Name
Description
Default
RW type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com