Electronic Components Datasheet Search
  English  ▼

X  

STE100A Datasheet(PDF) 72 Page - STMicroelectronics

Part # STE100A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100A Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STE100A Datasheet HTML 68Page - STMicroelectronics STE100A Datasheet HTML 69Page - STMicroelectronics STE100A Datasheet HTML 70Page - STMicroelectronics STE100A Datasheet HTML 71Page - STMicroelectronics STE100A Datasheet HTML 72Page - STMicroelectronics STE100A Datasheet HTML 73Page - STMicroelectronics STE100A Datasheet HTML 74Page - STMicroelectronics STE100A Datasheet HTML 75Page - STMicroelectronics STE100A Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
Electrical specifications and timings
STE10/100A
72/82
6
Electrical specifications and timings
Table 17.
Absolute maximum ratings
Parameter
Value
Supply voltage(Vcc)
-0.5 V to 7.0 V
Input voltage
-0.5 V to VCC + 0.5 V
Output voltage
-0.5 V to VCC + 0.5 V
Storage temperature
-65
° C to 150 ° C(-85° F to 302° F)
Ambient temperature
0
° C to 70° C (32° F to 158° F)
ESD protection
2000V
Table 18.
General DC specifications
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Units
General DC
Vcc
Supply voltage
3.14
3.3
3.46
V
Icc
Power supply
130
mA
PCI interface DC specifications
Vilp
Input LOW voltage
-0.5
0.8
V
Vihp
Input HIGH voltage
2.0
5.5
V
Iilp
Input LOW leakage current
Vin =.8V
-10
10
µA
Iihp
Input HIGH leakage current
Vin = 2.0V
-10
10
µA
Volp
Output LOW voltage
Iout =3mA/6mA
.
.55
V
Vohp
Output HIGH voltage
Iout =-2mA
2.4
V
Cinp
Input pin capacitance
5
8
pF
Cclkp
CLK pin capacitance
5
8
pF
Cidsel
IDSEL pin capacitance
5
8
pF
Lpinp
Pin inductance
N/A
nH
Flash/EEPROM interface DC specifications
Vilf
Input LOW voltage
-0.5
0.8
V
Vihf
Input HIGH voltage
2.0
5.5
V
Iif
Input leakage current
-10
10
µA
Volf
Output LOW voltage
Iout=3mA,6mA
.55
V
Vohf
Output HIGH voltage
Iout=-2mA
2.4
V
Cinf
Input pin capacitance
5
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com