Electronic Components Datasheet Search
  English  ▼

X  

STE100A Datasheet(PDF) 74 Page - STMicroelectronics

Part # STE100A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100A Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STE100A Datasheet HTML 70Page - STMicroelectronics STE100A Datasheet HTML 71Page - STMicroelectronics STE100A Datasheet HTML 72Page - STMicroelectronics STE100A Datasheet HTML 73Page - STMicroelectronics STE100A Datasheet HTML 74Page - STMicroelectronics STE100A Datasheet HTML 75Page - STMicroelectronics STE100A Datasheet HTML 76Page - STMicroelectronics STE100A Datasheet HTML 77Page - STMicroelectronics STE100A Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 82 page
background image
Electrical specifications and timings
STE10/100A
74/82
Figure 16.
PCI clock waveform
Table 21.
X1 specifications
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Units
TX1d
X1 duty cycle
45
50
55
%
TX1p
X1 period
30
ns
TX1t
X1 tolerance
+ / -
50
PPM
TX1CL
X1 load capacitance
18
pF
Table 22.
PCI timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Units
Tval
Clock to signal valid delay
(bussed signals)
211
ns
Tval(ptp)
Clock to signal valid delay
(point to point)
211
ns
Ton
Float to active delay
2
ns
Toff
Active to float delay
28
ns
Tsu
Input set up time to clock
(bussed signals)
7ns
Tsu(ptp)
Input set up time to clock
(point to point)
10,12
ns
Th
Input hold time from clock
0
ns
Th
Input hold time from clock
0
ns
Trst
Reset active time after power
stable
1ms
Trst-clk
Reset active time after clk
stable
100
µs
Trst-off
Reset active to output float
delay
40
ns
0.475Vcc
0.4Vcc
0.2Vcc
0.325Vcc
Th
Tl
Tc
0.4Vcc, p-to-p
minimum
0.6Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com