Electronic Components Datasheet Search
  English  ▼

X  

UPD720113 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPD720113
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720113 Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPD720113 Datasheet HTML 1Page - Renesas Technology Corp UPD720113 Datasheet HTML 2Page - Renesas Technology Corp UPD720113 Datasheet HTML 3Page - Renesas Technology Corp UPD720113 Datasheet HTML 4Page - Renesas Technology Corp UPD720113 Datasheet HTML 5Page - Renesas Technology Corp UPD720113 Datasheet HTML 6Page - Renesas Technology Corp UPD720113 Datasheet HTML 7Page - Renesas Technology Corp UPD720113 Datasheet HTML 8Page - Renesas Technology Corp UPD720113 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Data Sheet S16618EJ3V0DS
3
µPD720113
APLL
: Generates all clocks of Hub.
ALL_TT
: Translates the high-speed transactions (split transactions) for full/low-speed device
to full/low-speed transactions.
ALL_TT buffers the data transfer from either
upstream or downstream direction. For OUT transaction, ALL_TT buffers data from
upstream port and sends it out to the downstream facing ports after speed
conversion from high-speed to full/low-speed. For IN transaction, ALL_TT buffers
data from downstream ports and sends it out to the upstream facing ports after
speed conversion from full/low-speed to high-speed.
CDR
: Data & clock recovery circuit
DPC
: Downstream Port Controller handles Port Reset, Enable, Disable, Suspend and
Resume
DP(n)_PHY
: Downstream transceiver supports high-speed (480 Mbps), full-speed (12 Mbps), and
low-speed (1.5 Mbps) transaction
EP0
: Endpoint 0 controller
EP1
: Endpoint 1 controller
F_TIM (Frame Timer)
: Manages hub’s synchronization by using micro-SOF which is received at upstream
port, and generates SOF packet when full/low-speed device is attached to
downstream facing port.
FS_REP
: Full/low-speed repeater is enabled when the
µPD720113 are worked at full-speed
mode
OSB
: Oscillator Block
ROM I/F
: Interface block for external Serial ROM which contains user-defined descriptors
SERDES
: Serializer and Deserializer
SIE_2H
: Serial Interface Engine (SIE) controls USB2.0 and 1.1 protocol sequencer.
UP_PHY
: Upstream Transceiver supports high-speed (480 Mbps), full-speed (12 Mbps)
transaction
UPC
: Upstream Port Controller handles Suspend and Resume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com