Electronic Components Datasheet Search
  English  ▼

X  

UPD720113 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPD720113
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720113 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPD720113 Datasheet HTML 18Page - Renesas Technology Corp UPD720113 Datasheet HTML 19Page - Renesas Technology Corp UPD720113 Datasheet HTML 20Page - Renesas Technology Corp UPD720113 Datasheet HTML 21Page - Renesas Technology Corp UPD720113 Datasheet HTML 22Page - Renesas Technology Corp UPD720113 Datasheet HTML 23Page - Renesas Technology Corp UPD720113 Datasheet HTML 24Page - Renesas Technology Corp UPD720113 Datasheet HTML 25Page - Renesas Technology Corp UPD720113 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Data Sheet S16618EJ3V0DS
20
µPD720113
(2/4)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
Full-speed Electrical Characteristics (Continued)
Consecutive frame interval jitter
tRFI
No clock adjustment
42
ns
Source jitter total (including frequency
tolerance) (Figure 2-15):
To next transition
For paired transitions
tDJ1
tDJ2
Note
−3.5
−4.0
+3.5
+4.0
ns
ns
Source jitter for differential transition to
SE0 transition (Figure 2-16)
tFDEOP
−2
+5
ns
Receiver jitter (Figure 2-17):
To Next Transition
For Paired Transitions
tJR1
tJR2
−18.5
−9
+18.5
+9
ns
ns
Source SE0 interval of EOP (Figure 2-16)
tFEOPT
160
175
ns
Receiver SE0 interval of EOP (Figure 2-16)
tFEOPR
82
ns
Width of SE0 interval during differential
transition
tFST
14
ns
Hub differential data delay (Figure 2-13)
(with cable)
(without cable)
tHDD1
tHDD2
70
44
ns
ns
Hub differential driver jitter (including cable)
(Figure 2-13):
To next transition
For paired transitions
tHDJ1
tHDJ2
−3
−1
+3
+1
ns
ns
Data bit width distortion after SOP (Figure
2-13)
tFSOP
−5
+5
ns
Hub EOP delay relative to tHDD (Figure
2-14)
tFEOPD
0
15
ns
Hub EOP output width skew (Figure 2-14)
tFHESK
−15
+15
ns
High-speed Electrical Characteristics
Rise time (10% to 90%)
tHSR
500
ps
Fall time (90% to 10%)
tHSF
500
ps
Driver waveform
See Figure 2-11.
High-speed data rate
tHSDRAT
479.760
480.240
Mbps
Microframe interval
tHSFRAM
124.9375
125.0625
µs
Consecutive microframe interval difference
tHSRFI
4 high-
speed
Bit
times
Data source jitter
See Figure 2-11.
Receiver jitter tolerance
See Figure 2-4.
Hub data delay (without cable)
tHSHDD
36 high-
speed
+4 ns
Bit
times
Hub data jitter
See Figure 2-4, Figure 2-11.
Hub delay variation range
tHSHDV
5 high-
speed
Bit
times
Note Excluding the first transition from the Idle state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com