Electronic Components Datasheet Search
  English  ▼

X  

UPD720113 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # UPD720113
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720113 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button UPD720113 Datasheet HTML 8Page - Renesas Technology Corp UPD720113 Datasheet HTML 9Page - Renesas Technology Corp UPD720113 Datasheet HTML 10Page - Renesas Technology Corp UPD720113 Datasheet HTML 11Page - Renesas Technology Corp UPD720113 Datasheet HTML 12Page - Renesas Technology Corp UPD720113 Datasheet HTML 13Page - Renesas Technology Corp UPD720113 Datasheet HTML 14Page - Renesas Technology Corp UPD720113 Datasheet HTML 15Page - Renesas Technology Corp UPD720113 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Data Sheet S16618EJ3V0DS
10
µPD720113
Recommended Operating Ranges
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Operating voltage
VDD33
3.3 V for VDD33 pins
3.14
3.30
3.46
V
VDD25
2.5 V for VDD25 pins
2.3
2.5
2.7
V
AVDD
2.5 V for AVDD pins
2.3
2.5
2.7
V
High-level input voltage
VIH
2.5 V High-level input voltage
1.7
VDD25
V
3.3 V High-level input voltage
2.0
VDD33
V
5.0 V High-level input voltage
2.0
5.5
V
Low-level input voltage
VIL
2.5 V Low-level input voltage
0
0.7
V
3.3 V Low-level input voltage
0
0.8
V
5.0 V Low-level input voltage
0
0.8
V
Hysteresis voltage
VH
5 V Hysteresis voltage
0.3
1.5
V
3.3 V Hysteresis voltage
0.2
1.0
V
Input rise time for SYSRSTB
trst
10
ms
Input rise time
tri
Normal buffer
0
200
ns
Schmitt buffer
0
10
ms
Input fall time
tfi
Normal buffer
0
200
ns
Schmitt buffer
0
10
ms
Two power supply rails limitation.
The
µPD720113 has two power supply rails (2.5 V, 3.3 V). The system will require the time when power supply
rail is stable at VDD level. And, there will be difference between the time of VDD25 and VDD33. The
µPD720113
requires that VDD25 should be stable before VDD33 becomes stable. At any case, the system must ensure that the
absolute maximum ratings for VI /VO are not exceeded. System reset signaling should be asserted more than
specified time after both VDD25 and VDD33 are stable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com