Electronic Components Datasheet Search
  English  ▼

X  

UPD720113 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # UPD720113
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720113 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button UPD720113 Datasheet HTML 14Page - Renesas Technology Corp UPD720113 Datasheet HTML 15Page - Renesas Technology Corp UPD720113 Datasheet HTML 16Page - Renesas Technology Corp UPD720113 Datasheet HTML 17Page - Renesas Technology Corp UPD720113 Datasheet HTML 18Page - Renesas Technology Corp UPD720113 Datasheet HTML 19Page - Renesas Technology Corp UPD720113 Datasheet HTML 20Page - Renesas Technology Corp UPD720113 Datasheet HTML 21Page - Renesas Technology Corp UPD720113 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Data Sheet S16618EJ3V0DS
16
µPD720113
System Clock Ratings
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Clock frequency
fCLK
X’tal
−500
ppm
30
+500
ppm
MHz
Oscillator block
−500
ppm
30
+500
ppm
MHz
Clock Duty cycle
tDUTY
40
50
60
%
Remarks 1. Recommended accuracy of clock frequency is
± 100 ppm.
2. Required accuracy of X’tal or oscillator block is including initial frequency accuracy, the spread of
X’tal capacitor loading, supply voltage, temperature, and aging, etc.
AC Characteristics (VDD = 3.14 to 3.46 V, TA = 0 to
+70°C)
System Reset Timing
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
Reset active time (Figure 2-6)
trst
5
µs
Figure 2-6. System Reset Timing
SYSRSTB
trst



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com