Electronic Components Datasheet Search
  English  ▼

X  

UPD720113 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD720113
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720113 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD720113 Datasheet HTML 10Page - Renesas Technology Corp UPD720113 Datasheet HTML 11Page - Renesas Technology Corp UPD720113 Datasheet HTML 12Page - Renesas Technology Corp UPD720113 Datasheet HTML 13Page - Renesas Technology Corp UPD720113 Datasheet HTML 14Page - Renesas Technology Corp UPD720113 Datasheet HTML 15Page - Renesas Technology Corp UPD720113 Datasheet HTML 16Page - Renesas Technology Corp UPD720113 Datasheet HTML 17Page - Renesas Technology Corp UPD720113 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Data Sheet S16618EJ3V0DS
12
µPD720113
USB Interface Block
Parameter
Symbol
Conditions
MIN
MAX
Unit
Output pin impedance
ZHSDRV
Includes RS resistor
40.5
49.5
Ω
Bus pull-up resistor on upstream facing
port
RPU
1.425
1.575
k
Ω
Bus pull-up resistor on downstream
facing port
RPD
14.25
15.75
k
Ω
Termination voltage for upstream facing
port pullup (full-speed)
VTERM
3.0
3.6
V
Input Levels for Low-/full-speed:
High-level input voltage (drive)
VIH
2.0
V
High-level input voltage (floating)
VIHZ
2.7
3.6
V
Low-level input voltage
VIL
0.8
V
Differential input sensitivity
VDI
(D+) − (D−)
0.2
V
Differential common mode range
VCM
Includes VDI range
0.8
2.5
V
Output Levels for Low-/full-speed:
High-level output voltage
VOH
RL of 14.25 k
Ω to GND
2.8
3.6
V
Low-level output voltage
VOL
RL of 1.425 k
Ω to 3.6 V
0.0
0.3
V
SE1
VOSE1
0.8
V
Output signal crossover point voltage
VCRS
1.3
2.0
V
Input Levels for High-speed:
High-speed squelch detection threshold
(differential signal)
VHSSQ
100
150
mV
High-speed disconnect detection
threshold (differential signal)
VHSDSC
525
625
mV
High-speed data signaling common
mode voltage range
VHSCM
−50
+500
mV
High-speed differential input signaling
levels
See Figure 2-4.
Output Levels for High-speed:
High-speed idle state
VHSOI
−10.0
+10
mV
High-speed data signaling high
VHSOH
360
440
mV
High-speed data signaling low
VHSOL
−10.0
+10
mV
Chirp J level (different signal)
VCHIRPJ
700
1100
mV
Chirp K level (different signal)
VCHIRPK
−900
−500
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com