Electronic Components Datasheet Search
  English  ▼

X  

UPD720113 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPD720113
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720113 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPD720113 Datasheet HTML 3Page - Renesas Technology Corp UPD720113 Datasheet HTML 4Page - Renesas Technology Corp UPD720113 Datasheet HTML 5Page - Renesas Technology Corp UPD720113 Datasheet HTML 6Page - Renesas Technology Corp UPD720113 Datasheet HTML 7Page - Renesas Technology Corp UPD720113 Datasheet HTML 8Page - Renesas Technology Corp UPD720113 Datasheet HTML 9Page - Renesas Technology Corp UPD720113 Datasheet HTML 10Page - Renesas Technology Corp UPD720113 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Data Sheet S16618EJ3V0DS
5
µPD720113
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
1
VDD33
21
VDD33
41
VSS
61
DM1
2
VDD25
22
CSB7
42
X1_CLK
62
DP1
3
VSS
23
PPB7
43
X2
63
VDD25
4
DM6
24
CSB6
44
VDD25
64
VSS
5
DP6
25
PPB6
45
AVSS
65
DM2
6
VDD33
26
CSB5
46
RREF
66
DP2
7
VSS
27
PPB5
47
AVSS(R)
67
VDD33
8
DM7
28
CSB4
48
AVDD
68
VSS
9
DP7
29
VSS
49
AVSS
69
DM3
10
VSS
30
VDD25
50
AVDD
70
DP3
11
VDD25
31
PPB4
51
VSS
71
VDD33
12
VSS
32
CSB3
52
VDD25
72
VSS
13
TEST
33
PPB3
53
VDD33
73
VDD25
14
SCAN_MODE
34
CSB2
54
VSS
74
VSS
15
VSS
35
PPB2
55
DMU
75
DM4
16
LPWRM
36
CSB1
56
DPU
76
DP4
17
EXROM_EN
37
PPB1
57
VDD25
77
VDD25
18
SCL
38
SYSRSTB
58
VSS
78
VSS
19
SDA/GANG_B
39
VBUSM
59
RPU
79
DM5
20
VSS
40
VDD33
60
VDD33
80
DP5
Remark AVSS(R) should be used to connect RREF through 1 % precision reference resistor of 2.43 k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com