Electronic Components Datasheet Search
  English  ▼

X  

UPD720113 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD720113
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720113 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD720113 Datasheet HTML 19Page - Renesas Technology Corp UPD720113 Datasheet HTML 20Page - Renesas Technology Corp UPD720113 Datasheet HTML 21Page - Renesas Technology Corp UPD720113 Datasheet HTML 22Page - Renesas Technology Corp UPD720113 Datasheet HTML 23Page - Renesas Technology Corp UPD720113 Datasheet HTML 24Page - Renesas Technology Corp UPD720113 Datasheet HTML 25Page - Renesas Technology Corp UPD720113 Datasheet HTML 26Page - Renesas Technology Corp UPD720113 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Data Sheet S16618EJ3V0DS
21
µPD720113
(3/4)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
Hub Event Timings
Time to detect a downstream facing port
connect event (Figure 2-19):
Awake hub
Suspended hub
tDCNN
2.5
2.5
2000
12000
µs
µs
Time to detect a disconnect event at a
hub’s downstream facing port (Figure 2-18)
tDDIS
2.0
2.5
µs
Duration of driving resume to a
downstream port (only from a controlling
hub)
tDRSMDN
20
ms
Time from detecting downstream resume
to rebroadcast
tURSM
1.0
ms
Duration of driving reset to a downstream
facing port (Figure 2-20)
tDRST
Only for a SetPortFeature
(PORT_RESET) request
10
20
ms
Time to detect a long K from upstream
tURLK
2.5
100
µs
Time to detect a long SE0 from upstream
tURLSE0
2.5
10000
µs
Duration of repeating SE0 upstream (for
low-/full-speed repeater)
tURPSE0
23
FS Bit
times
Inter-packet delay (for high-speed) of
packets traveling in same direction
tHSIPDSD
88
Bit
times
Inter-packet delay (for high-speed) of
packets traveling in opposite direction
tHSIPDOD
8
Bit
times
Inter-packet delay for device/root hub
response with detachable cable for high-
speed
tHSRSPIPD1
192
Bit
times
Time of which a Chirp J or Chirp K must be
continuously detected (filtered) by hub or
device during Reset handshake
tFILT
2.5
µs
Time after end of device Chirp K by which
hub must start driving first Chirp K in the
hub’s chirp sequence
tWTDCH
100
µs
Time for which each individual Chirp J or
Chirp K in the chirp sequence is driven
downstream by hub during reset
tDCHBIT
40
60
µs
Time before end of reset by which a hub
must end its downstream chirp sequence
tDCHSE0
100
500
µs
Time from internal power good to device
pulling D
+ beyond VIHZ (Figure 2-20)
tSIGATT
100
ms
Debounce interval provided by USB
system software after attach (Figure 2-20)
tATTDB
100
ms
Maximum duration of suspend averaging
interval
tSUSAVGI
1
s
Period of idle bus before device can initiate
resume
tWTRSM
5
ms
Duration of driving resume upstream
tDRSMUP
1
15
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com