Electronic Components Datasheet Search
  English  ▼

X  

MPQ4480 Datasheet(PDF) 4 Page - MPS Industries, Inc.

Part # MPQ4480
Description  6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ4480 Datasheet(HTML) 4 Page - MPS Industries, Inc.

  MPQ4480 Datasheet HTML 1Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 2Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 3Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 4Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 5Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 6Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 7Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 8Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MPQ4480 – 36V, 6A, SYNC STEP-DOWN CONVERTER FOR AEC1-Q100 QUALIFIED
MPQ4480 Rev. 1.0
www.MonolithicPower.com
4
7/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 5, 13, 17
PGND
Power ground. Reference ground of the regulated output voltage. PGND requires
extra care during PCB layout. Connect to GND with copper traces and vias. All
PGND pins must be connected together.
2, 16
RGND
Remote power ground. There is an internal 4mΩ current-sensing resistor from
RGND to PGND (pin 17 and pin 1).
3,15
IN
Supply voltage. The MPQ4480 operates from a 4.2V to 36V input voltage. CIN
prevents large voltage spikes at the input. Place CIN as close to the IC as possible.
IN is the drain of the internal power device, and provides the power supply for the
entire chip.
4, 8, 9, 14
SW
Switch output. These pins must be connected together by a PCB trace. Use a wide
PCB trace to make the connection.
6
AGND
Analog ground. Connect AGND to PGND.
7
VCC
Internal 5.05V LDO regulator output. Decouple with a 1µF capacitor.
10
BST
Bootstrap. A 0.22µF capacitor is connected between SW and BST to form a
floating supply across the high-side switch driver.
11
EN
On/off control input. The enable pin is an internal auto pull-up with a 7
µA current
source. EN has two stage thresholds: when EN is higher than ~1V, the VCC and
bias circuitry will be enabled; when EN is higher than 2V, the buck switcher starts to
work.
12
FREQ/SYNC
Switching frequency program input. Connect a resistor from FREQ to GND to set
the switching frequency. This pin also serves as a frequency-synchronous clock
input.
18, 19, 20,
21
NC
No connection. These pins should be left floating.
22
VDROP
Line drop amplitude selection. Three levels can be programmable by pulling
VDROP to GND or VCC, or floating.
23
ILIM
Output CC current limit set pin. Pull ILIM to VCC, GND, or float to set three
different current limit levels.
24
GATE
Gate drive for external, low-side, N-channel power MOSFET. Open-drain
structure. The GATE pin is pulled low to turn off the power MOSFET when the
secondary current RGND-to-PGND limit is triggered.
25
FB
Feedback. Connect to the tap of an external resistor divider from the output to GND
to set the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com