Electronic Components Datasheet Search
  English  ▼

X  

MPQ4480 Datasheet(PDF) 6 Page - MPS Industries, Inc.

Part # MPQ4480
Description  6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ4480 Datasheet(HTML) 6 Page - MPS Industries, Inc.

Back Button MPQ4480 Datasheet HTML 2Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 3Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 4Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 5Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 6Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 7Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 8Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 9Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 10Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MPQ4480 – 36V, 6A, SYNC STEP-DOWN CONVERTER FOR AEC1-Q100 QUALIFIED
MPQ4480 Rev. 1.0
www.MonolithicPower.com
6
7/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 5V, TJ = -40°C to +125°C, typical value is tested at TJ = 25°C, unless otherwise
noted.
Parameter
Symbol
Condition
Min
Typ
Max Units
Supply current (shutdown)
IIN
VEN = 0V, TJ = -40°C to +125°C
15
25
μA
Supply current (quiescent)
IQ2
No switching
1
2
mA
EN rising threshold
VEN_Rising
1.96 2.06
2.16
V
EN hysteresis
VEN_HYS
200
mV
EN pull-up current
IEN
VEN = 3V
3
7
11
μA
Thermal shutdown (7)
TSTD
165
C
Thermal hysteresis (7)
TSTD_HYS
20
C
VCC regulator
VCC
4.65 5.05
5.45
V
VCC load regulation
VCC_LOG
ICC = 50mA
1
3
%
Step-Down Converter
VIN under-voltage lockout
threshold rising
VIN_UVLO
3.7
3.95
4.2
V
VIN under-voltage lockout
threshold hysteresis
VUVLO_HYS
500
mV
HS switch on resistance
RDSON_HS
20
40
mΩ
LS switch on resistance
RDSON_LS
15
35
mΩ
Feedback voltage
VFB
0.985
1
1.015
V
Low-side current limit (7)
ILS_LIMIT
-2
A
Switch leakage
SWLKG
VEN = 0V, VSW = 36V, TJ = 25°C
1
μA
VEN = 0V, VSW = 36V,
TJ = -40°C to +125°C
5
High-side current limit
ILIMIT1
ILIM = GND
8
17
27
A
ILIM = VCC
12
22
35
Output CC current limit
ILIMIT2
ILIM = VCC (for 6A continuous),
TJ = 25°C
6.6
7.5
8.4
A
ILIM = float (for 3A continuous),
TJ = 25°C
3.3
3.75
4.2
ILIM = GND (for 2.4A continuous),
TJ = 25°C
2.5
2.75
3
Oscillator frequency
fSW1
RFREQ = 97.6kΩ
170
235
300
kHz
fSW2
RFREQ = 9.53kΩ
1800 2200 2600
fSW3
RFREQ = 52.3kΩ
350
440
530
Frequency spread spectrum
(7) (MPQ4480GV-FD-AEC1)
fSS
RFREQ = float, based on 450kHz
10
%
Sync frequency range
FREQSYNC_IN
300
2100
kHz
Maximum on time
tON_MAX
Dropout mode, max duty cycle
DMAX = tON_MAX / (tON_MAX + tOFF_MIN)
6
10
μs
Minimum off time
tOFF_MIN
120
ns
Minimum on time (7)
tON_MIN
130
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com