Electronic Components Datasheet Search
  English  ▼

X  

MPQ4480 Datasheet(PDF) 11 Page - MPS Industries, Inc.

Part # MPQ4480
Description  6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ4480 Datasheet(HTML) 11 Page - MPS Industries, Inc.

Back Button MPQ4480 Datasheet HTML 7Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 8Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 9Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 10Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 11Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 12Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 13Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 14Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 15Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
MPQ4480 – 36V, 6A, SYNC STEP-DOWN CONVERTER FOR AEC1-Q100 QUALIFIED
MPQ4480 Rev. 1.0
www.MonolithicPower.com
11
7/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 5V, L = 4.7µH, fSW = 440kHz, TA = 25°C, unless otherwise noted. All waveforms
are tested based on bypassing the external MOSFET except Short Battery to Ground.
VOUT Short to USB_GND Entry
IOUT = 0A
VOUT Short to USB_GND Steady
State
IOUT = 0A
CH1: VOUT
5V/div.
CH2: VGATE
5V/div.
CH3: VSW
10V/div.
CH4: IL
10A/div.
CH1: VOUT
5V/div.
CH2: VGATE
5V/div.
CH3: VSW
10V/div.
CH4: IL
10A/div.
20µs/div.
1s/div.
VOUT Short to USB_GND Recovery
IOUT = 0A
USB_GND Short to Battery Entry
and Recovery
IOUT = 0A
CH1: VOUT
5V/div.
CH2: VGATE
5V/div.
CH3: VSW
10V/div.
CH4: IL
10A/div.
CH1: VOUT-
USB_GND
5V/div.
CH2: VGATE
5V/div.
CH3: VSW
10V/div.
CH4: ISHORT
20A/div.
1ms/div.
500ms/div.
Sync Function
fSW = 300kHz, L = 4.7µH, IOUT = 6A
Sync Function
fSW = 2.1MHz, L = 2.2µH, IOUT = 6A
CH1: VOUT
2V/div.
CH2: VSYNC
5V/div.
CH3: VSW
10V/div.
CH4: IL
5A/div.
CH1: VOUT
2V/div.
CH2: VSYNC
5V/div.
CH3: VSW
10V/div.
CH4: IL
5A/div.
5μs/div.
1μs/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com