Electronic Components Datasheet Search
  English  ▼

X  

MPQ4480 Datasheet(PDF) 14 Page - MPS Industries, Inc.

Part # MPQ4480
Description  6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ4480 Datasheet(HTML) 14 Page - MPS Industries, Inc.

Back Button MPQ4480 Datasheet HTML 10Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 11Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 12Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 13Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 14Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 15Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 16Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 17Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 18Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MPQ4480 – 36V, 6A, SYNC STEP-DOWN CONVERTER FOR AEC1-Q100 QUALIFIED
MPQ4480 Rev. 1.0
www.MonolithicPower.com
14
7/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
OPERATION
The
MPQ4480
integrates
a
monolithic,
synchronous, rectified, step-down, switch-mode
converter with internal power MOSFETs. It
offers a compact solution to achieve 6A of
continuous output current over a wide input
supply range with excellent load and line
regulation.
The MPQ4480 operates in a fixed-frequency,
peak current mode control to regulate the
output voltage. The internal clock initiates the
PWM cycle, which turns on the integrated high-
side MOSFET (HS-FET). The HS-FET remains
on until its current reaches the value set by the
COMP voltage. When the power switch is off, it
remains off until the next clock cycle begins.
Low-Dropout Operation
The operation frequency auto-decreases when
the input voltage is close to the output voltage,
helping the part achieve a low dropout voltage.
Error Amplifier (EA)
The error amplifier (EA) compares the internal
feedback voltage against the internal 1V
reference (REF), and outputs a COMP voltage.
This COMP voltage controls the power
MOSFET
current. The optimized internal
compensation network minimizes the external
component count and simplifies control loop
design.
Internal VCC Regulator
The 5.05V internal regulator powers most of the
internal circuitries. This regulator takes VIN and
operates in the full VIN range. When VIN
exceeds 5.05V, the output of the regulator is in
full regulation. If VIN is less than 5.05V, the
output decreases with VIN. VCC requires an
external 1µF ceramic decoupling capacitor.
Enable Control (EN)
The MPQ4480 has an enable control (EN).
There is an internal 7μA pull-up current, which
allows auto start-up if EN is floated. Pull EN
high or float to enable the IC; pull EN low to
disable the IC. EN is clamped internally using a
7.6V series Zener diode and a 10V breakdown
voltage ESD cell (see Figure 2).
It is recommended to connect EN to VIN and
GND through divider resistors. When selecting
a pull-up resistor, ensure that it is large enough
to limit the current flow into EN to below 100µA.
For example, if the EN pull-up resistor is 100kΩ
and the pull-down resistor is 110kΩ, the IC will
power up when VIN exceeds the UVLO rising
threshold.
EN
Logic
EN
GND
100kΩ
7.6V
ESD
10V
7µA
Figure 2: Zener Diode Between EN and GND
Setting the Frequency
Connect a resistor from FREQ to ground to set
the switching frequency. The value of the
frequency can be estimated with Equation (1):
1000
()
0.04
(
) 0.1
FREQ
FREQ kHz
Rk
 
(1)
Figure 3 shows the frequency vs. RFREQ.
200
600
1000
1400
1800
2200
0
20406080
100
120
140
FREQUENCY PROGRAMMABLE RESISTOR (kΩ)
Figure 3: Switching Frequency vs RFREQ
For the MPQ4480, the FREQ pin cannot be left
floating or tied to VCC or GND. FREQ should
be connected to GND through a resistor.
To avoid tripping the minimum on time limitation
in high-frequency and high input voltage
conditions, the MPQ4480 employs frequency
foldback. When fSW exceeds 1.2MHz and VIN is
above 15V, the device decreases the switching
frequency gradually until the frequency falls to
half of the setting value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com