Electronic Components Datasheet Search
  English  ▼

X  

MPQ4480 Datasheet(PDF) 5 Page - MPS Industries, Inc.

Part # MPQ4480
Description  6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ4480 Datasheet(HTML) 5 Page - MPS Industries, Inc.

  MPQ4480 Datasheet HTML 1Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 2Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 3Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 4Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 5Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 6Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 7Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 8Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MPQ4480 – 36V, 6A, SYNC STEP-DOWN CONVERTER FOR AEC1-Q100 QUALIFIED
MPQ4480 Rev. 1.0
www.MonolithicPower.com
5
7/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ...................................... 40V
VSW .......................................................................
-0.3V (-5V for <10ns) to VIN + 0.3V (43V for
<10ns)
VBST.....................................................VSW + 5.5V
VEN............................................. -0.3V to +10V (2)
All other pins ................................ -0.3V to +5.5V
Continuous power dissipation (TA = 25°C) (3) (5)
QFN-25 (4mmx5mm).................................. 5.4W
Junction temperature ................................ 150
C
Lead temperature...................................... 260
C
Storage temperature.................-65
C to +150C
Recommended Operating Conditions (4)
Operation input voltage range ......... 4.2V to 36V
Output current ................................................. 6A
Output voltage range ................. 1V to VIN * DMAX
Operating junction temp…….. ..-40°C to +125°C
Thermal Resistance
θJA
θJC
QFN-25 (4mmx5mm)
EVQ4480-V-00A (5) ................. 23........4 ....
C/W
JESD51-7 (6) ............................ 44........9 ....
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) About the details of EN pin’s ABS Max rating, see the EN
control section on page 14.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on EVQ4480-V-00A, 4-layer PCB, 50mmx50mm.
6) Measured on JESD51-7, 4-layer PCB. The value of θJA given
in this table is only valid for comparison with other packages
and cannot be used for design purposes. These values were
calculated in accordance with JESD51-7 and simulated on a
specified JEDEC board. They do not represent the
performance obtained in an actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com