Electronic Components Datasheet Search
  English  ▼

X  

MPQ4480 Datasheet(PDF) 15 Page - MPS Industries, Inc.

Part # MPQ4480
Description  6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ4480 Datasheet(HTML) 15 Page - MPS Industries, Inc.

Back Button MPQ4480 Datasheet HTML 11Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 12Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 13Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 14Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 15Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 16Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 17Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 18Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 19Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
MPQ4480 – 36V, 6A, SYNC STEP-DOWN CONVERTER FOR AEC1-Q100 QUALIFIED
MPQ4480 Rev. 1.0
www.MonolithicPower.com
15
7/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Frequency Spread Spectrum
The MPQ4480-FD is the switching frequency
spread spectrum version of the MPQ4480. The
purpose of spread spectrum is to minimize the
peak emissions at a specific frequency.
The MPQ4480-FD uses a 4kHz triangle wave
(rising 125µs, falling 125µs) to modulate the
internal oscillator (see Figure 4). The frequency
span of spread spectrum operation is ±10%.
t
250μs
fSW =
450kHz
fSW = 495kHz
fSW =
405kHz
Fundamental
Frequency
Figure 4: Frequency Spread Spectrum
The MPQ4480-FD frequency is only determined
by internal trimming. It has no relationship with
the FREQ pin’s status.
Frequency Synchronizing
The MPQ4480 can be synchronized to an
external clock with a range from 300kHz to
2.1MHz through the SYNC pin, in series with a
10pF capacitor. The internal clock rising edge is
synchronized to the external clock rising edge.
A typical SYNC input signal should have a
<25% duty cycle.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The UVLO comparator monitors the input
voltage. The UVLO rising threshold is 3.95V; its
falling threshold is 3.45V.
Internal Soft Start (SS)
The soft start (SS) prevents the converter
output voltage from overshooting during start-
up. When the chip starts up, the internal
circuitry generates a SS voltage that ramps up
from 0V to 5.05V. When VSS is lower than VREF,
the error amplifier uses VSS as the reference.
When VSS is higher than VREF, the error
amplifier uses VREF as the reference. The SS
time is internally set to 1.1ms.
If the output of the MPQ4480 is pre-biased to a
certain voltage during start-up, the IC disables
the switching of both the high-side and low-side
switches until the voltage on the internal SS
capacitor exceeds the internal feedback voltage.
EN Shutdown Discharge
When EN is pulled low, the MPQ4480 enters
output discharge mode. Meanwhile, the internal
soft-start capacitor starts to discharge. The part
remains in discharge mode until the soft-start
capacitor discharges to very low.
In this mode, the low-side switch remains on
until the low-side current reaches -2A, then
turns on again after a clock cycle.
CC Mode Over-Current Protection
The MPQ4480 senses the ground current and
uses this information to limit output current
below a certain threshold. If IOUT exceeds the
set current-limit threshold, the MPQ4480 enters
constant current limit mode (CC mode). In this
mode, the current amplitude is limited. As the
load resistance reduces, the output voltage
drops until the feedback voltage falls below the
under-voltage (UV) threshold (typically 30%
below the reference).
Once UV triggers, the MPQ4480 enters hiccup
mode to periodically restart the part. This
protection mode is especially useful when the
output is dead-shorted to ground. This greatly
reduces the average short-circuit current,
alleviates thermal issues, and protects the
regulator. The MPQ4480 exits hiccup mode
once the over-current condition is removed.
In addition to the ground current limit, the
MPQ4480 also has a high-side peak current
limit.
Pulling the ILIM pin to GND, to VCC, or floating
it can set three different CC current-limit
thresholds.
Over-Voltage Protection (OVP)
The MPQ4480 monitors a resistor-divided
feedback voltage to detect over-voltage. When
the feedback voltage (VFB) exceeds 115% of the
target voltage, the controller enters a dynamic
regulation period. During this period, the LS-
FET remains on until its current goes to -2A.
This discharges the output and tries to keep it
within the normal range. If the OV still exists,
the LS-FET turns on again after an 800ns delay.
The part exits this regulation period when VFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com