Electronic Components Datasheet Search
  English  ▼

X  

MPQ4480 Datasheet(PDF) 3 Page - MPS Industries, Inc.

Part # MPQ4480
Description  6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ4480 Datasheet(HTML) 3 Page - MPS Industries, Inc.

  MPQ4480 Datasheet HTML 1Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 2Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 3Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 4Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 5Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 6Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 7Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 8Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MPQ4480 – 36V, 6A, SYNC STEP-DOWN CONVERTER FOR AEC1-Q100 QUALIFIED
MPQ4480 Rev. 1.0
www.MonolithicPower.com
3
7/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MPQ4480GV-AEC1*
QFN-25 (4mmx5mm)
See Below
MPQ4480GV-FD-AEC1**
QFN-25 (4mmx5mm)
See Below
* For Tape & Reel, add suffix –Z (e.g. MPQ4480GV-AEC1–Z)
** For Tape & Reel, add suffix –Z (e.g. MPQ4480GV-FD-AEC1-Z)
DEVICE COMPARISON INFORMATION
Part Number
Frequency Spread Spectrum
MPQ4480GV-AEC1
No
MPQ4480GV-FD-AEC1
Yes
TOP MARKING
MPS: MPS prefix
Y: Year code
WW: Week code
MP4480: Part number
LLLLLL: Lot number
PACKAGE REFERENCE
TOP VIEW
QFN-25 (4mmx5mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com