Electronic Components Datasheet Search
  English  ▼

X  

MPQ5850 Datasheet(PDF) 4 Page - MPS Industries, Inc.

Part # MPQ5850
Description  36V, Smart Diode Controller with Reverse Protection,AEC-Q100 Qualified
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ5850 Datasheet(HTML) 4 Page - MPS Industries, Inc.

  MPQ5850 Datasheet HTML 1Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 2Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 3Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 4Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 5Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 6Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 7Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 8Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
MPQ5850
– 36V, SMART DIODE CONTROLLER W/ REVERSE PROTECTION, AEC-Q100
MPQ5850 Rev. 1.1
MonolithicPower.com
4
2/9/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
EN/UVLO
Enable pin. Pull EN below the specified threshold (1V) to shut down the chip. Pull EN above
the threshold (1.2V) to enable the chip. A resistor divider connected between EN/UVLO and
SOURCE can be used to raise the under-voltage lockout (UVLO) threshold. Do not float
the EN/UVLO pin, and connect it to DRAIN if the shutdown feature not used.
2
PG
Open-drain power good pin. The PG pin asserts low if the device is disabled, the reservoir
supply is out of regulation, or if the fast pull-up path is active for longer than 17
μs. Float PG
or connect it to GND if it is not used.
3
GND
Ground connection of the device. Connect GND to the ground plane of the board.
4
SW
Switch node of internal boost regulator. Connect an inductor between the SW and
DRAIN pins.
5
RES
Reservoir supply. RES is the power supply for the external N-channel MOSFET gate
driver. Connect a minimum 1μF ceramic capacitor between the RES and DRAIN pins.
6
DRAIN
Drain connection. Connect the DRAIN pin to the drain of the external power MOSFET.
DRAIN is the power supply of the internal circuitry, and also controls the MOSFET
’s gate
voltage. Connect a minimum
4.7μF capacitor from DRAIN to ground, and place this
capacitor as close as possible to the device.
7
GATE
Gate connection. Connect the GATE pin to the gate of the external power MOSFET.
8
SOURCE
Source connection. Connect the SOURCE pin to the source of the external power
MOSFET. The voltage sensed on this pin works with the DRAIN voltage to control the
MOSFET gate.
ABSOLUTE MAXIMUM RATINGS (1)
SOURCE, EN/UVLO..................... -36V to +42V
DRAIN ......................................... -0.3V to +42V
DRAIN - SOURCE .......................... -2V to +52V
GATE - SOURCE ........................ -0.3V to +13V
RES .................................. -0.3V to VDRAIN + 13V
SW............................................... -0.3V to +57V
PG ................................................. -0.3V to +6V
Continuous power dissipation (TA = 25°C) (2)
TSOT23-8 (2mmx3mm) .............................1.5W
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Electrostatic Discharge (ESD) Ratings
Human body model (HBM) ................ Class 2 (3)
Charged device model (CDM) .......Class C2b (4)
Recommended Operating Conditions
Supply voltage (VIN) ........................ 3.3V to 36V
Operating junction temp (TJ) .... -40°C to +150°C
Thermal Resistance
θJA
θJC
TSOT23-8 (2mmx3mm)
JESD51-7 (5) ........................... 85 ...... 20... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient thermal resistance,
θ
JA, and the ambient temperature,
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA)/ θJA. Exceeding the maximum allowable power
dissipation can produce an excessive die temperature, and the
device may go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Per AEC-Q100-002.
4) Per AEC-Q100-011.
5) Measured on JESD51-7, 4-layer PCB. The values given in this
table are only valid for comparison with other packages and
cannot be used for design purposes. These values were
calculated in accordance with JESD51-7, and simulated on a
specified
JEDEC
board.
They
do
not
represent
the
performance obtained in an actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com