Electronic Components Datasheet Search
  English  ▼

X  

MPQ5850 Datasheet(PDF) 7 Page - MPS Industries, Inc.

Part # MPQ5850
Description  36V, Smart Diode Controller with Reverse Protection,AEC-Q100 Qualified
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ5850 Datasheet(HTML) 7 Page - MPS Industries, Inc.

Back Button MPQ5850 Datasheet HTML 3Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 4Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 5Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 6Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 7Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 8Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 9Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 10Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 11Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
MPQ5850
– 36V, SMART DIODE CONTROLLER W/ REVERSE PROTECTION, AEC-Q100
MPQ5850 Rev. 1.1
MonolithicPower.com
7
2/9/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 12V, L = 68µH, TJ = -40°C to +150°C, unless otherwise noted.
20
30
40
50
60
70
80
90
100
-50 -25
0
25
50
75 100 125 150
TEMPERATURE ( C)
I
Q vs. Temperature
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
-50 -25
0
25
50
75 100 125 150
TEMPERATURE ( C)
I
SHDN vs. Temperature
2.55
2.60
2.65
2.70
2.75
2.80
2.85
-50 -25
0
25
50
75 100 125 150
TEMPERATURE ( C)
Drain UVLO Threshold vs.
Temperature
DRAIN UVLO Rising
DRAIN UVLO Falling
10.4
10.6
10.8
11.0
11.2
-50 -25
0
25
50
75 100 125 150
TEMPERATURE ( C)
Reservoir UVLO Threshold vs.
Temperature
Reservoir UVLO Rising
Reservoir UVLO Falling
19.8
20.0
20.2
20.4
20.6
20.8
-50 -25
0
25
50
75 100 125 150
TEMPERATURE ( C)
Source to Drain Regulation
Voltage vs. Temperature
74.2
74.4
74.6
74.8
75.0
75.2
75.4
75.6
75.8
-50 -25
0
25
50
75 100 125 150
TEMPERATURE ( C)
Source to Drain Fast Pull-Up
Threshold vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com