Electronic Components Datasheet Search
  English  ▼

X  

MPQ5850 Datasheet(PDF) 25 Page - MPS Industries, Inc.

Part # MPQ5850
Description  36V, Smart Diode Controller with Reverse Protection,AEC-Q100 Qualified
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ5850 Datasheet(HTML) 25 Page - MPS Industries, Inc.

Back Button MPQ5850 Datasheet HTML 21Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 22Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 23Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 24Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 25Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 26Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 27Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 28Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 29Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
MPQ5850
– 36V, SMART DIODE CONTROLLER W/ REVERSE PROTECTION, AEC-Q100
MPQ5850 Rev. 1.1
MonolithicPower.com
25
2/9/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
frequency. CLOAD can be estimated with Equation
(9):
AC
R
LOAD
LOAD
AC
R
4 V
V
CI
4 V
f V
−

 
(9)
Where VAC is the SOURCE voltage ripple
amplitude (in V), f is the ripple frequency (in Hz),
CLOAD is the capacitance of the electrolytic
capacitor (in F), and ILOAD is the load current (in
A).
If the ripple voltage (VR) is below 2V, f is 5kHz,
VAC is 3V (6VPP), and ILOAD is 5A, then CLOAD is
417
μF.
Selecting the TVS Diode
The MPQ5850 can be damaged by the negative
pulse on the SOURCE pin, since the voltage of
the SOURCE pin is limited to -36V. Connect a
TVS diode between SOURCE and GND to
protect
the
part.
The
SMBJ24CA
is
recommended, as it can protect the MPQ5850
from
negative
pulses
and
over-voltage
conditions.
PCB Layout Guidelines (8)
An optimized PCB layout is very important for
proper operation. A four-layer layout is strongly
recommended to improve thermal performance.
For the best results, refer to Figure 3 and follow
the guidelines below:
1. Place SW close to the device with short,
direct, and wide traces.
2. Use
large
copper
areas
to
minimize
conduction loss and thermal stress.
3. Place the ceramic input capacitors as close
to the IN and GND pins as possible to
minimize high-frequency noise.
4. Route SW away from sensitive analog areas.
5. Use multiple vias to connect the power
planes to internal layer.
Note:
8) The recommended PCB layout is based on the circuit in Figure
4 on page 26.
Top Silk and Top Layer
Mid-Layer 1
Mid-Layer 2
Bottom Layer and Bottom Silk
Figure 3: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com