Electronic Components Datasheet Search
  English  ▼

X  

MPQ5850 Datasheet(PDF) 26 Page - MPS Industries, Inc.

Part # MPQ5850
Description  36V, Smart Diode Controller with Reverse Protection,AEC-Q100 Qualified
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ5850 Datasheet(HTML) 26 Page - MPS Industries, Inc.

Back Button MPQ5850 Datasheet HTML 21Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 22Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 23Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 24Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 25Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 26Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 27Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 28Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 29Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
MPQ5850
– 36V, SMART DIODE CONTROLLER W/ REVERSE PROTECTION, AEC-Q100
MPQ5850 Rev. 1.1
MonolithicPower.com
26
2/9/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
470µF
C4
M1
0
Ω
R2
1µF
C2
68µH
L1
GND
EN/UVLO
1
PG
MPQ5850
2
10nF
C1
GND
100k
Ω
R1
4.7µF
C3
GND
VIN
100k
Ω
R3
EN
VOUT
PG
D1
SMBJ24CA
GND
GND
5V
IOUT = 5A
0603
0603
50V
0603
0805
25V
1206
50V
0603
35V
1V 1.2V
Figure 4: Typical Application Circuit of a 12V Automotive Battery with a 5A Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com